Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 113 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 113 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 109Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 110Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 111Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 112Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 113Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 114Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 115Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 116Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
113
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
TIMER TIMING
timing requirements for timer inputs† (see Figure 57)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
1
tw(TINPH)
Pulse duration, TINP high
8P
ns
2
tw(TINPL)
Pulse duration, TINP low
8P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
switching characteristics over recommended operating conditions for timer outputs†
(see Figure 57)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
3
tw(TOUTH)
Pulse duration, TOUT high
8P−3
ns
4
tw(TOUTL)
Pulse duration, TOUT low
8P−3
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
TINPx
TOUTx
4
3
2
1
Figure 57. Timer Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com