Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 99 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 99 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 95Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 96Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 97Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 98Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 99Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 100Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 101Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 102Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
99
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERAL COMPONENT INTERCONNECT (PCI) TIMING
timing requirements for PCLK†‡ (see Figure 47)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
1
tc(PCLK)
Cycle time, PCLK
30(or 8P§)
ns
2
tw(PCLKH)
Pulse duration, PCLK high
11
ns
3
tw(PCLKL)
Pulse duration, PCLK low
11
ns
4
tsr(PCLK)
∆v/∆t slew rate, PCLK
1
4
V/ns
† For 3.3 V operation, the reference points for the rise and fall transitions are measured at VILP MAX and VIHP MIN.
‡ P = 1/CPU clock frequency in ns. For example when running parts at 300 MHz, use P = 3.33 ns.
§ Select the parameter value of 30 ns or 8P, whichever is greater.
PCLK
1
2
3
4
4
0.4 DVDD V MIN
Peak to Peak for
3.3V signaling
Figure 47. PCLK Timing
timing requirements for PCI reset (see Figure 48)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
1
tw(PRST)
Pulse duration, PRST
1
ms
2
tsu(PCLKA-PRSTH)
Setup time, PCLK active before PRST high
100
µs
PRST
PCLK
2
1
Figure 48. PCI Reset (PRST) Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com