Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 65 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 65 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 61Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 62Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 63Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 64Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 65Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 66Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 67Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 68Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
65
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
IEEE 1149.1 JTAG compatibility statement
The TMS320C6411 DSP requires that both TRST and RESET be asserted upon power up to be properly
initialized. While RESET initializes the DSP core, TRST initializes the DSP’s emulation logic. Both resets are
required for proper operation.
Note: TRST is synchronous and must be clocked by TCLK; otherwise, BSCAN may not respond as expected
after TRST is asserted.
While both TRST and RESET need to be asserted upon power up, only RESET needs to be released for the
DSP to boot properly. TRST may be asserted indefinitely for normal operation, keeping the JTAG port interface
and DSP’s emulation logic in the reset state. TRST only needs to be released when it is necessary to use a JTAG
controller to debug the DSP or exercise the DSP’s boundary scan functionality. RESET must be released in
order for boundary-scan JTAG to read the variant field of IDCODE correctly. Other boundary-scan instructions
work correctly independent of current state of RESET.
For maximum reliability, the TMS320C6411 DSP includes an internal pulldown (IPD) on the TRST pin to ensure
that TRST will always be asserted upon power up and the DSP’s internal emulation logic will always be properly
initialized. JTAG controllers from Texas Instruments actively drive TRST high. However, some third-party JTAG
controllers may not drive TRST high but expect the use of a pullup resistor on TRST. When using this type of
JTAG controller, assert TRST to intialize the DSP after powerup and externally drive TRST high before
attempting any emulation or boundary scan operations.
Following the release of RESET, the low-to-high transition of TRST must occur to latch the state of EMU1 and
EMU0. The EMU[1:0] pins configure the device for either Boundary Scan mode or Normal/Emulation mode. For
more detailed information, see the terminal functions section of this data sheet.
Note: The DESIGN_WARNING section of the TMS320C6411 BSDL file contains information and constraints
regarding proper device operation while in Boundary Scan Mode.
EMIF device speed
The rated EMIF speed of this device only applies to the SDRAM interface when in a system that meets the
following requirements:
−
1 chip-enable (CE) space (maximum of 2 chips) of SDRAM connected to EMIF
−
up to 1 CE space of buffers connected to EMIF
−
EMIF trace lengths between 1 and 3 inches
−
143-MHz SDRAM for 75-MHz operation
Other configurations may be possible, but timing analysis must be done to verify all AC timings are met.
Verification of AC timings is mandatory when using configurations other than those specified above.
TI recommends utilizing the input/output buffer information specification (IBIS) models to analyze all AC timings.
To properly use IBIS models to attain accurate timing analysis for a given system, see the Using IBIS Models
for Timing Analysis application report (literature number SPRA839).
To maintain signal integrity, serial termination resistors should be inserted into all EMIF output signal lines (see
the Terminal Functions table for the EMIF output signals).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com