Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 24Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 25Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 26Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 27Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 28Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 29Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 30Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 31Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
28
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
signal groups description
TRST
GP7/EXT_INT7‡
IEEE Standard
1149.1
(JTAG)
Emulation
Reserved
Reset and
Interrupts
Control/Status
TDI
TDO
TMS
TCK
EMU0
EMU1
NMI
GP6/EXT_INT6‡
GP5/EXT_INT5‡
GP4/EXT_INT4‡
RESET
RSV
RSV
RSV
RSV
Clock/PLL
CLKIN
CLKMODE0
PLLV
EMU2
EMU3
EMU4
EMU5
RSV
GPIO
General-Purpose Input/Output (GPIO) Port
GP7/EXT_INT7‡
GP6/EXT_INT6‡
GP5/EXT_INT5‡
GP4/EXT_INT4‡
GP3
CLKOUT6/GP2†
CLKOUT4/GP1†
GP0
CLKOUT6/GP2†
CLKOUT4/GP1†
EMU6
EMU7
EMU8
EMU9
EMU10
GP15/PRST§
GP14/PCLK§
GP13/PINTA§
GP12/PGNT§
GP11/PREQ§
GP10/PCBE3§
GP9/PIDSEL§
GP8
These pins are muxed with the GPIO port pins and by default these signals function as clocks (CLKOUT4 or CLKOUT6). To use
these muxed pins as GPIO signals, the appropriate GPIO register bits (GPxEN and GPxDIR) must be properly enabled and
configured. For more details, see the Device Configurations section of this data sheet.
†
These pins are GPIO pins that can also function as external interrupt sources (EXT_INT[7:4]). Default after reset is EXT_INTx or
GPIO as input-only.
‡
RSV
EMU11
RSV
RSV
RSV
•
•
•
Peripheral
Control and
Configuration
PCI_EN
LEND
These GPIO pins are muxed with the PCI peripheral pins and by default these signals are set up to no function with both the GPIO
and PCI pin functions disabled. For more details on these muxed pins, see the Device Configurations section of this data sheet.
§
BOOTMODE [1:0]
ECLKIN_SEL[1:0]
EEAI
HD5/AD5
Figure 3. CPU and Peripheral Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com