Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 73 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 73 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 69Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 70Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 71Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 72Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 73Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 74Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 75Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 76Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
73
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
INPUT AND OUTPUT CLOCKS (CONTINUED)
timing requirements for ECLKIN†‡§ (see Figure 19)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
1
tc(EKI)
Cycle time, ECLKIN
7.5¶
16P
ns
2
tw(EKIH)
Pulse duration, ECLKIN high
3.38
ns
3
tw(EKIL)
Pulse duration, ECLKIN low
3.38
ns
4
tt(EKI)
Transition time, ECLKIN
2
ns
5
tJ(EKI)
Period jitter, ECLKIN
0.02E
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
‡ The reference points for the rise and fall transitions are measured at VIL MAX and VIH MIN.
§ E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns for EMIFA or EMIFB.
¶ Minimum ECLKIN times are based on internal logic speed; the maximum useable speed of the EMIF may be lower due to AC timing requirements.
On the -300 device, 75-MHz operation is achievable if the requirements of the EMIF Device Speed section are met. Minimum ECLKIN cycle times
must be met, even when ECLKIN is generated by an internal clock source.
ECLKIN
2
3
4
4
5
1
Figure 19. ECLKIN Timing
switching characteristics over recommended operating conditions for ECLKOUT1§#||
(see Figure 20)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
tJ(EKO1)
Period jitter, ECLKOUT1
0
±175k
ps
2
tw(EKO1H)
Pulse duration, ECLKOUT1 high
EH − 0.7
EH + 0.7
ns
3
tw(EKO1L)
Pulse duration, ECLKOUT1 low
EL − 0.7
EL + 0.7
ns
4
tt(EKO1)
Transition time, ECLKOUT1
1
ns
5
td(EKIH-EKO1H)
Delay time, ECLKIN high to ECLKOUT1 high
1
8
ns
6
td(EKIL-EKO1L)
Delay time, ECLKIN low to ECLKOUT1 low
1
8
ns
§ E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns.
# The reference points for the rise and fall transitions are measured at VOL MAX and VOH MIN.
|| EH is the high period of E (EMIF input clock period) in ns and EL is the low period of E (EMIF input clock period) in ns.
kThis cycle-to-cycle jitter specification was measured with CPU/4 or CPU/6 as the source of the EMIF input clock.
1
5
6
2
3
ECLKIN
ECLKOUT1
4
4
Figure 20. ECLKOUT1 Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com