Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 37 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 33Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions
SIGNAL
TYPE†
IPD/
IPU‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
CLOCK/PLL CONFIGURATION (CONTINUED)
CLKMODE0
H2
I
IPD
Clock mode select
• Selects whether the CPU clock frequency = input clock frequency x1 (Bypass) [default] or
x6.
For more details on the CLKMODE0 pin and the PLL multiply factors, see the Clock PLL
section of this data sheet.
PLLV¶
J6
A#
PLL voltage supply
JTAG EMULATION
TMS
AB16
I
IPU
JTAG test-port mode select
TDO
AE19
O/Z
IPU
JTAG test-port data out
TDI
AF18
I
IPU
JTAG test-port data in
TCK
AF16
I
IPU
JTAG test-port clock
TRST
AB15
I
IPD
JTAG test-port reset. For IEEE 1149.1 JTAG compatibility, see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet.
EMU11
AC18
I/O/Z
IPU
Emulation pin 11. Reserved for future use, leave unconnected.
EMU10
AD18
I/O/Z
IPU
Emulation pin 10. Reserved for future use, leave unconnected.
EMU9
AE18
I/O/Z
IPU
Emulation pin 9. Reserved for future use, leave unconnected.
EMU8
AC17
I/O/Z
IPU
Emulation pin 8. Reserved for future use, leave unconnected.
EMU7
AF17
I/O/Z
IPU
Emulation pin 7. Reserved for future use, leave unconnected.
EMU6
AD17
I/O/Z
IPU
Emulation pin 6. Reserved for future use, leave unconnected.
EMU5
AE17
I/O/Z
IPU
Emulation pin 5. Reserved for future use, leave unconnected.
EMU4
AC16
I/O/Z
IPU
Emulation pin 4. Reserved for future use, leave unconnected.
EMU3
AD16
I/O/Z
IPU
Emulation pin 3. Reserved for future use, leave unconnected.
EMU2
AE16
I/O/Z
IPU
Emulation pin 2. Reserved for future use, leave unconnected.
EMU1
AC15
I/O/Z
IPU
Emulation [1:0] pins
• Select the device functional mode of operation
EMU[1:0]
Operation
00
Boundary Scan/Normal Mode (see Note)
01
Reserved
10
Reserved
11
Emulation/Normal Mode [default] (see the IEEE 1149.1 JTAG
Compatibility Statement section of this data sheet)
EMU1
EMU0
AC15
AF15
I/O/Z
IPU
Compatibility Statement section of this data sheet)
Normal mode refers to the DSPs normal operational mode, when the DSP is free running. The
DSP can be placed in normal operational mode when the EMU[1:0] pins are configured for
either Boundary Scan or Emulation.
Note: When the EMU[1:0] pins are configured for Boundary Scan mode, the internal pulldown
(IPD) on the TRST signal must not be opposed in order to operate in Normal mode.
For the Boundary Scan mode pulldown EMU[1:0] pins with a dedicated 1-k
Ω resister.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used, unless otherwise noted.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.
¶ PLLV is not part of external voltage supply. See the Clock PLL section for information on how to connect this pin.
# A = Analog signal (PLL Filter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com