Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 35 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 31Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 32Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 33Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
35
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
multiplexed pins
Multiplexed pins are pins that are shared by more than one peripheral and are internally multiplexed. Some of
these pins are configured by software, and the others are configured by external pullup/pulldown resistors only
at reset. Those muxed pins that are configured by software can be programmed to switch functionalities at any
time. Those muxed pins that are configured by external pullup/pulldown resistors are mutually exclusive; only
one peripheral has primary control of the function of these pins after reset. Table 22 identifies the multiplexed
pins on the C6411 device; shows the default (primary) function and the default settings after reset; and describes
the pins, registers, etc. necessary to configure specific multiplexed functions.
debugging considerations
It is recommended that external connections be provided to device configuration pins, including CLKMODE0,
LEND, BOOTMODE[1:0], ECLKIN_SEL[1:0]. EEAI, HD5/AD5, and PCI_EN. Although internal pullup/pulldown
resistors exist on these pins, providing external connectivity adds convenience to the user in debugging and
flexibility in switching operating modes.
Internal pullup/pulldown resistors also exist on specified reserved (RSV) pins. Do not oppose the internal
pullup/pulldown resistors, unless otherwised noted, on these RSV pins.
For the internal pullup/pulldown resistors for all device pins, see the terminal functions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com