Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 89 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 89 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 85Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 86Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 87Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 88Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 89Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 90Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 91Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 92Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
89
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
HOLD/HOLDA TIMING
timing requirements for the HOLD/HOLDA cycles† (see Figure 35)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
3
th(HOLDAL-HOLDL)
Hold time, HOLD low after HOLDA low
E
ns
† E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns.
switching characteristics over recommended operating conditions for the HOLD/HOLDA
cycles†‡§ (see Figure 35)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
td(HOLDL-EMHZ)
Delay time, HOLD low to EMIF Bus high impedance
2E
ns
2
td(EMHZ-HOLDAL)
Delay time, EMIF Bus high impedance to HOLDA low
0
2E
ns
4
td(HOLDH-EMLZ)
Delay time, HOLD high to EMIF Bus low impedance
2E
7E
ns
5
td(EMLZ-HOLDAH)
Delay time, EMIF Bus low impedance to HOLDA high
0
2E
ns
6
td(HOLDL-EKOHZ)
Delay time, HOLD low to ECLKOUTx high impedance
2E
ns
7
td(HOLDH-EKOLZ)
Delay time, HOLD high to ECLKOUTx low impedance
2E
7E
ns
† E = the EMIF input clock (ECLKIN, CPU/4 clock, or CPU/6 clock) period in ns.
‡ EMIF Bus consists of: CE[3:0], BE[3:0], ED[31:0], EA[22:3], ARE/SDCAS/SADS/SRE, AOE/SDRAS/SOE, and AWE/SDWE/SWE , SDCKE,
SOE3, and PDT.
§ The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ = 0,
ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 35.
¶ All pending EMIF transactions are allowed to complete before HOLDA is asserted. If no bus transactions are occurring, then the minimum delay
time can be achieved. Also, bus hold can be indefinitely delayed by setting NOHOLD = 1.
HOLD
HOLDA
EMIF Bus†
DSP Owns Bus
External Requestor
Owns Bus
DSP Owns Bus
C6411
C6411
1
3
25
4
ECLKOUTx‡
(EKxHZ = 0)
ECLKOUTx‡
(EKxHZ = 1)
6
7
† EMIF Bus consists of: CE[3:0], BE[3:0], ED[31:0], EA[22:3], ARE/SDCAS/SADS/SRE, AOE/SDRAS/SOE, and AWE/SDWE/SWE, SDCKE,
SOE3, and PDT.
‡ The EKxHZ bits in the EMIF Global Control register (GBLCTL) determine the state of the ECLKOUTx signals during HOLDA. If EKxHZ = 0,
ECLKOUTx continues clocking during Hold mode. If EKxHZ = 1, ECLKOUTx goes to high impedance during Hold mode, as shown in Figure 35.
Figure 35. HOLD/HOLDA Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com