Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 100 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 100 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 96Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 97Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 98Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 99Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 100Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 101Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 102Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 103Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
100
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PERIPHERAL COMPONENT INTERCONNECT (PCI) TIMING (CONTINUED)
timing requirements for PCI inputs (see Figure 49)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
5
tsu(IV-PCLKH)
Setup time, input valid before PCLK high
7
ns
6
th(IV-PCLKH)
Hold time, input valid after PCLK high
0
ns
switching characteristics over recommended operating conditions for PCI outputs (see Figure 49)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
td(PCLKH-OV)
Delay time, PCLK high to output valid
11
ns
2
td(PCLKH-OIV)
Delay time, PCLK high to output invalid
2
ns
3
td(PCLKH-OLZ)
Delay time, PCLK high to output low impedance
2
ns
4
td(PCLKH-OHZ)
Delay time, PCLK high to output high impedance
28
ns
Valid
PCLK
5
PCI Output
PCI Input
3
Valid
2
6
1
4
Figure 49. PCI Intput/Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com