Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 68 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 64Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 65Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 66Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 67Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 68Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 69Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 70Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 71Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
68
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended ranges of supply voltage and operating case
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
VOH
High-level output voltage (except PCI)
DVDD = MIN,
IOH = MAX
2.4
V
VOHP High-level output voltage (PCI)
IOHP = −0.5 mA,
DVDD = 3.3 V
0.9DVDD¶
V
VOL
Low-level output voltage (except PCI)
DVDD = MIN,
IOL = MAX
0.4
V
VOLP
Low-level output voltage (PCI)
IOLP = 1.5 mA,
DVDD = 3.3 V
0.1DVDD¶
V
VI = VSS to DVDD no opposing internal
resistor
±10
uA
II
Input current (except PCI)
VI = VSS to DVDD opposing internal
pullup resistor‡
50
100
150
uA
VI = VSS to DVDD opposing internal
pulldown resistor‡
−150
−100
−50
uA
IIP
Input leakage current (PCI)§
0 < VIP < DVDD,DVDD = 3.3 V
±10
uA
EMIF, CLKOUT4, CLKOUT6, EMUx
−16
mA
IOH
High-level output current
Timer, TDO, GPIO
(Excluding GP[15:9, 2, 1]), McBSP
−8
mA
PCI/HPI
−0.5§¶
mA
EMIF, CLKOUT4, CLKOUT6, EMUx
16
mA
IOL
Low-level output current
Timer, TDO, GPIO
(Excluding GP[15:9, 2, 1]), McBSP
8
mA
PCI/HPI
1.5¶
mA
IOZ
Off-state output current
VO = DVDD or 0 V
±10
uA
ICDD
Core supply current#
CVDD = 1.2 V, CPU clock = 300 MHz
550
mA
IDDD
I/O supply current#
DVDD = 3.3 V, CPU clock = 300 MHz
125
mA
Ci
Input capacitance
10
pF
Co
Output capacitance
10
pF
† For test conditions shown as MIN, MAX, or NOM, use the appropriate value specified in the recommended operating conditions table.
‡ Applies only to pins with an internal pullup (IPU) or pulldown (IPD) resistor.
§ PCI input leakage currents include Hi-Z output leakage for all bidirectional buffers with 3-state outputs.
¶ These rated numbers are from the PCI specification version 2.3. The DC specification and AC specification are defined in Tables 4-3 and 4-4,
respectively.
# Measured with average activity (50% high/50% low power). The actual current draw is highly application-dependent. For more details on core
and I/O activity, refer to the TMS320C6411 Power Consumption Summary application report (literature number SPRA373).
recommended clock and control signal transition behavior
All clocks and control signals must transition between VIH and VIL (or between VIL and VIH) in a monotonic
manner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com