Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 82 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 82 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 78Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 79Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 80Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 81Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 82Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 83Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 84Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 85Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
82
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SYNCHRONOUS DRAM TIMING
timing requirements for synchronous DRAM cycles (see Figure 27)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
6
tsu(EDV-EKO1H)
Setup time, read EDx valid before ECLKOUTx high
5.4
ns
7
th(EKO1H-EDV)
Hold time, read EDx valid after ECLKOUTx high
2.5
ns
switching characteristics over recommended operating conditions for synchronous DRAM cycles
(see Figure 27−Figure 34)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
td(EKO1H-CEV)
Delay time, ECLKOUTx high to CEx valid
1.3
9.7
ns
2
td(EKO1H-BEV)
Delay time, ECLKOUTx high to BEx valid
9.7
ns
3
td(EKO1H-BEIV)
Delay time, ECLKOUTx high to BEx invalid
1.3
ns
4
td(EKO1H-EAV)
Delay time, ECLKOUTx high to EAx valid
9.7
ns
5
td(EKO1H-EAIV)
Delay time, ECLKOUTx high to EAx invalid
1.3
ns
8
td(EKO1H-CASV)
Delay time, ECLKOUTx high to SDCAS valid
1.3
9.7
ns
9
td(EKO1H-EDV)
Delay time, ECLKOUTx high to EDx valid
9.7
ns
10
td(EKO1H-EDIV)
Delay time, ECLKOUTx high to EDx invalid
1.3
ns
11
td(EKO1H-WEV)
Delay time, ECLKOUTx high to SDWE valid
1.3
9.7
ns
12
td(EKO1H-RAS)
Delay time, ECLKOUTx high to SDRAS valid
1.3
9.7
ns
13
td(EKO1H-SDCKEV) Delay time, ECLKOUTx high to SDCKE valid
1.3
9.7
ns
14
td(EKO1H-PDTV)
Delay time, ECLKOUTx high to PDT valid
1.3
9.7
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com