Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 36 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 32Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 33Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
36
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 22. C6411 Device Multiplexed Pins
MULTIPLEXED PINS
DEFAULT FUNCTION
DEFAULT SETTING
DESCRIPTION
NAME
NO.
DEFAULT FUNCTION
DEFAULT SETTING
DESCRIPTION
CLKOUT4/GP1
AE6
CLKOUT4
GP1EN = 0 (disabled)
These pins are software-configurable.
To use these pins as GPIO pins, the
GPxEN bits in the GPIO Enable
Register and the GPxDIR bits in the
GPIO
Direction
Register
must
be
CLKOUT6/GP2
AD6
CLKOUT6
GP2EN = 0 (disabled)
GPIO
Direction
Register
must
be
properly configured.
GPxEN = 1: GPx pin enabled
GPxDIR = 0: GPx pin is an input
GPxDIR = 1: GPx pin is an output
GP9/PIDSEL
M3
To use GP[15:9] as GPIO pins, the PCI
needs to be disabled (PCI_EN = 0), the
GP10/PCBE3
L2
To use GP[15:9] as GPIO pins, the PCI
needs to be disabled (PCI_EN = 0), the
GPxEN bits in the GPIO Enable
GP11/PREQ
F1
GPxEN = 0 (disabled)
GPxEN bits in the GPIO Enable
Register and the GPxDIR bits in the
GP12/PGNT
J3
None
GPxEN = 0 (disabled)
PCI_EN = 0 (disabled)†
Register and the GPxDIR bits in the
GPIO
Direction
Register
must
be
properly configured.
GP13/PINTA
G4
None
PCI_EN = 0 (disabled)†
GPIO
Direction
Register
must
be
properly configured.
GPxEN = 1: GPx pin enabled
GP14/PCLK
F2
GPxEN = 1: GPx pin enabled
GPxDIR = 0: GPx pin is an input
GP15/PRST
G3
GPxDIR = 0: GPx pin is an input
GPxDIR = 1: GPx pin is an output
HD[31:0]/AD[31:0]
HD[31:0]
HAS/PPAR
T3
HAS
HCNTL1/PDEVSEL
R1
HCNTL1
By default, HPI is enabled upon reset
HCNTL0/PSTOP
T4
HCNTL0
By default, HPI is enabled upon reset
(PCI is disabled).
HDS1/PSERR
T1
HDS1
PCI_EN = 0 (disabled)†
(PCI is disabled).
To enable the PCI peripheral an external
HDS2/PCBE1
T2
HDS2
PCI_EN = 0 (disabled)†
To enable the PCI peripheral an external
pullup resistor (1 k
Ω) must be provided
on the PCI_EN pin (setting PCI_EN = 1
HR/W/PCBE2
P1
HR/W
pullup resistor (1 k ) must be provided
on the PCI_EN pin (setting PCI_EN = 1
at reset and keeping valid “1” after
HHWIL/PTRDY
R3
HHWIL (HPI16 only)
at reset and keeping valid “1” after
reset).
HINT/PFRAME
R4
HINT
reset).
HCS/PPERR
R2
HCS
HRDY/PIRDY
P4
HRDY
CLOCK/PLL CONFIGURATION
CLKIN
H4
I
IPD
Clock Input. This clock is the input to the
on-chip PLL.
CLKOUT4/GP1§
AE6
I/O/Z
IPD
Clock output at 1/4 of the device speed
(O/Z) [default] or this pin can be pro-
grammed as a GPIO 1 pin (I/O/Z).
CLKOUT6/GP2§
AD6
I/O/Z
IPD
Clock output at 1/6 of the device speed
(O/Z) [default] or this pin can be pro-
grammed as a GPIO 2 pin (I/O/Z).
† All other standalone PCI pins are tied-off internally (pins in Hi-Z) when the peripheral is disabled [PCI_EN = 0].
‡ For the HD[31:0]/AD[31:0] multiplexed pins pin numbers, see the Terminal Functions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com