Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 75 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 71Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 72Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 73Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 74Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 75Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 76Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 77Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 78Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
75
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
ASYNCHRONOUS MEMORY TIMING
timing requirements for asynchronous memory cycles†‡ (see Figure 22 and Figure 23)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
3
tsu(EDV-AREH)
Setup time, EDx valid before ARE high
6.5
ns
4
th(AREH-EDV)
Hold time, EDx valid after ARE high
1
ns
6
tsu(ARDY-EKO1H)
Setup time, ARDY valid before ECLKOUTx high
3
ns
7
th(EKO1H-ARDY)
Hold time, ARDY valid after ECLKOUTx high
Rev 1.1
1
ns
7
th(EKO1H-ARDY)
Hold time, ARDY valid after ECLKOUTx high
Rev 2.0
1.3
ns
† To ensure data setup time, simply program the strobe width wide enough. ARDY is internally synchronized. The ARDY signal is only recognized
two cycles before the end of the programmed strobe time and while ARDY is low, the strobe time is extended cycle-by-cycle. When ARDY is
recognized low, the end of the strobe time is two cycles after ARDY is recognized high. To use ARDY as an asynchronous input, the pulse width
of the ARDY signal should be wide enough (e.g., pulse width = 2E) to ensure setup and hold time is met.
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
switching characteristics over recommended operating conditions for asynchronous memory
cyclesद (see Figure 22 and Figure 23)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
MAX
UNIT
1
tosu(SELV-AREL)
Output setup time, select signals valid to ARE low
RS * E − 1.5
ns
2
toh(AREH-SELIV)
Output hold time, ARE high to select signals invalid
RS * E − 1.9
ns
5
td(EKO1H-AREV)
Delay time, ECLKOUTx high to ARE vaild
1
7
ns
8
tosu(SELV-AWEL)
Output setup time, select signals valid to AWE low
WS * E − 1.7
ns
9
toh(AWEH-SELIV)
Output hold time, AWE high to select signals invalid
WH * E − 1.8
ns
10
td(EKO1H-AWEV)
Delay time, ECLKOUTx high to AWE vaild
1.3
7.1
ns
‡ RS = Read setup, RST = Read strobe, RH = Read hold, WS = Write setup, WST = Write strobe, WH = Write hold. These parameters are
programmed via the EMIF CE space control registers.
§ E = ECLKOUT1 period in ns
¶ Select signals for EMIF include: CEx, BE[3:0], EA[22:3], AOE; and for EMIF writes, include ED[31:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com