Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 59 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 59 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 55Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 56Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 57Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 58Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 59Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 60Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 61Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 62Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
59
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
clock PLL (continued)
PLLMULT
1
0
PLLCLK
CLKMODE0
CLKIN
C2
C1
EMI
filter
3.3 V
/2
/8
/4
/6
00 01 10
CPU Clock
Configuration Bus
Timer Internal Clock
CLKOUT4,
McBSP Internal Clock
CLKOUT6
ECLKIN_SEL[1:0]
/2
/4
EMIF
00 01 10
EK2RATE
(GBLCTL.[19,18])
ECLKOUT2
ECLKOUT1
PLL x6
10
µF 0.1 µF
ECLKIN
(For the PLL Options, CLKMODE0 Pin Setup, and
PLL Clock Frequency Ranges, see Table 24.)
Internal to C6411
PLLV
(See Table 24)
NOTES: A. Place all PLL external components (C1, C2, and the EMI Filter) as close to the C6000
 DSP device as possible. For the best
performance, TI recommends that all the PLL external components be on a single side of the board without jumpers, switches, or
components other than the ones shown.
B. For reduced PLL jitter, maximize the spacing between switching signals and the PLL external components (C1, C2, and the EMI
Filter).
C. The 3.3-V supply for the EMI filter must be from the same 3.3-V power plane supplying the I/O voltage, DVDD.
D. EMI filter manufacturer TDK part number ACF451832-333, -223, -153, -103. Panasonic part number EXCCET103U.
Figure 6. External PLL Circuitry for Either PLL Multiply Modes or x1 (Bypass) Mode
Table 24. TMS320C6411 PLL Multiply Factor Options, Clock Frequency Ranges, and Typical Lock Time†‡
GLZ and ZLZ PACKAGE − 23 x 23 mm BGA
CLKMODE0
CLKMODE
(PLL MULTIPLY
FACTORS)
CLKIN
RANGE
(MHz)
CPU CLOCK
FREQUENCY
RANGE (MHz)
CLKOUT4
RANGE (MHz)
CLKOUT6
RANGE (MHz)
TYPICAL
LOCK TIME
(
µs)§
0
Bypass (x1) [default]
30−75.75
30−75.75
7.5−18.93
5−12.62
N/A
1
x6
30−50.5
180−303
45−75.75
30−50.5
75
† These clock frequency range values are applicable to a C6411−300 speed device.
‡ Use an external pullup resistor on the CLKMODE0 pin to set the C6411 device to the valid PLL multiply clock mode (x6). With an internal pulldown
resistor on the CLKMODE0 pin, the default clock mode is x1 (bypass).
§ Under some operating conditions, the maximum PLL lock time may vary by as much as 150% from the specified typical value. For example, if
the typical lock time is specified as 100
µs, the maximum value may be as long as 250 µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com