Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 92 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 88Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 89Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 90Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 91Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 92Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 93Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 94Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 95Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
92
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
RESET TIMING (CONTINUED)
ECLKOUT2
17
14
1
CLKOUT4
CLKOUT6
RESET
ECLKIN
Low Group‡
Z Group‡§
Boot and Device
Configuration Inputs§¶
16
15
3
2
10
8
EMIF Z Group‡§
EMIF High Group‡
EMIF Low Group‡
11
9
7
6
13
12
ECLKOUT1
5
4
PCLK
18
† EMIF Z group consists of:
EA[22:3], ED[31:0], CE[3:0], BE[3:0], ARE/SDCAS/SADS/SRE, AWE/SDWE/SWE, and AOE/SDRAS/SOE,
SOE3, SDCKE, and PDT.
EMIF high group consists of: HOLDA (when the corresponding HOLD input is high)
EMIF low group consists of:
BUSREQ; HOLDA (when the corresponding HOLD input is low)
Low group consists of:
XSP_CS, XSP_CLK, and XSP_DO; all of which apply only when PCI EEPROM (EEAI) is enabled
(with PCI_EN = 1). Otherwise, the XSP_CLK and XSP_DO pins are in the Z group. For more details
on the PCI configuration pins, see the Device Configurations section of this data sheet.
Z group consists of:
HD[31:0]/AD[31:0], CLKX0, CLKX1, XSP_CLK, FSX0, FSX1, DX0, DX1, XSP_DO, CLKR0, CLKR1,
FSR0, FSR1, TOUT0, TOUT1, GP[8:0], GP10/PCBE3, HR/W/PCBE2, HDS2/PCBE1, PCBE0,
GP13/PINTA, GP11/PREQ, HDS1/PSERR, HCS/PPERR, HCNTL1/PDEVSEL, HAS/PPAR,
HCNTL0/PSTOP, HHWIL/PTRDY (16-bit HPI mode only), HRDY/PIRDY, and HINT/PFRAME.
‡ If LEND, BOOTMODE[1:0], ECLKIN_SEL[1:0], EEAI, and HD5/AD5 pins are actively driven, care must be taken to ensure no timing contention
between parameters 6, 7, 14, 15, 16, and 17.
§ Boot and Device Configurations Inputs (during reset) include: LEND, BOOTMODE[1:0], ECLKIN_SEL[1:0], EEAI, and HD5/AD5.
The PCI_EN pin must be driven valid at all times and the user must not switch values throughout device operation.
Figure 37. Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com