Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 39 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 41Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 42Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
RESETS, INTERRUPTS, AND GENERAL-PURPOSE INPUT/OUTPUTS (CONTINUED)
GP0
AF6
I/O/Z
IPD
GPIO 0 pin.
The general-purpose I/O 0 pin (GPIO 0) (I/O/Z) can be programmed as GPIO 0 (input only)
[default] or as GPIO 0 (output only) pin or output as a general-purpose interrupt (GP0INT)
signal (output only).
GP8
AE4
I/O/Z
IPD
This pin has no function at default [default] or this pin can be programmed as a GPIO 8 pin
(I/O/Z).
CLKOUT6/GP2§
AD6
I/O/Z
IPD
Clock output at 1/6 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 2 pin (I/O/Z).
CLKOUT4/GP1§
AE6
I/O/Z
IPD
Clock output at 1/4 of the device speed (O/Z) [default] or this pin can be programmed as a
GPIO 1 pin (I/O/Z).
HOST-PORT INTERFACE (HPI) or PERIPHERAL COMPONENT INTERCONNECT (PCI)
HINT/
PFRAME§
R4
I/O/Z
Host interrupt from DSP to host (O) [default] or PCI frame (I/O/Z)
HCNTL1/
PDEVSEL§
R1
I/O/Z
Host control − selects between control, address, or data registers (I) [default] or PCI device
select (I/O/Z).
HCNTL0/
PSTOP§
T4
I/O/Z
Host control − selects between control, address, or data registers (I) [default] or PCI stop
(I/O/Z)
HHWIL/PTRDY§
R3
I/O/Z
Host half-word select − first or second half-word (not necessarily high or low order)
[For HPI16 bus width selection only] (I) [default] or PCI target ready (I/O/Z)
HR/W/PCBE2§
P1
I/O/Z
Host read or write select (I) [default] or PCI command/byte enable 2 (I/O/Z)
HAS/PPAR§
T3
I/O/Z
Host address strobe (I) [default] or PCI parity (I/O/Z)
HCS/PPERR§
R2
I/O/Z
Host chip select (I) [default] or PCI parity error (I/O/Z)
HDS1/PSERR§
T1
I/O/Z
Host data strobe 1 (I) [default] or PCI system error (I/O/Z)
HDS2/PCBE1§
T2
I/O/Z
Host data strobe 2 (I) [default] or PCI command/byte enable 1 (I/O/Z)
HRDY/PIRDY§
P4
I/O/Z
Host ready from DSP to host (O) [default] or PCI initiator ready (I/O/Z).
HD31/AD31§
J2
HD30/AD30§
K3
HD29/AD29§
J1
Host-port data (I/O/Z) [default] or PCI data-address bus (I/O/Z)
HD28/AD28§
K4
Host-port data (I/O/Z) [default] or PCI data-address bus (I/O/Z)
HD27/AD27§
K2
As HPI data bus (PCI_EN pin = 0)
Used for transfer of data, address, and control
HD26/AD26§
L3
As HPI data bus (PCI_EN pin = 0)
• Used for transfer of data, address, and control
• Host-Port bus width (HPI_WIDTH) user-configurable at device reset via a 10-kΩ resistor
HD25/AD25§
K1
• Host-Port bus width (HPI_WIDTH) user-configurable at device reset via a 10-kΩ resistor
pullup/pulldown resistor on the HD5 pin:
HD24/AD24§
L4
pullup/pulldown resistor on the HD5 pin:
HD5 pin = 0: HPI operates as an HPI16.
HD23/AD23§
L1
I/O/Z
HD5 pin = 0: HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
HD22/AD22§
M4
I/O/Z
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
reserved pins in the high-impedance state.)
HD21/AD21§
M2
reserved pins in the high-impedance state.)
HD5 pin = 1: HPI operates as an HPI32.
HD20/AD20§
N4
HD5 pin = 1: HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD19/AD19§
M1
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD18/AD18§
N5
As PCI data-address bus (PCI_EN pin = 1)
Used for transfer of data and address
HD17/AD17§
N1
• Used for transfer of data and address
HD16/AD16§
P5
HD15/AD15§
U4
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used, unless otherwise noted.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com