| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TMP32C6411ZLZ Datasheet(PDF) 44 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP32C6411ZLZ Datasheet(HTML) 44 Page - Texas Instruments |
|
44 / 119 page ![]() TMS320C6411 FIXEDPOINT DIGITAL SIGNAL PROCESSOR SPRS196H − MARCH 2002 − REVISED JULY 2004 44 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 Terminal Functions (Continued) SIGNAL TYPE† IPD/ ‡ DESCRIPTION NAME NO. TYPE† IPD/ IPU‡ DESCRIPTION RESERVED FOR TEST RSV AD11 For proper device operation, these RSV pins must be externally pulled RSV AD12 For proper device operation, these RSV pins must be externally pulled down to ground with a 10-k Ω resistor. RSV A16 IPD For proper device operation, these RSV pins must be externally pulled up to DVDD RSV D15 IPD For proper device operation, these RSV pins must be externally pulled up to DVDD with a 1-k Ω resistor. G14 H7 RSV N20 Reserved. These pins must be connected directly to CVDD for proper device operation. RSV P7 Reserved. These pins must be connected directly to CVDD for proper device operation. Y13 RSV R6 Reserved. This pin must be connected directly to DVDD for proper device operation. RSV A3 Reserved (leave unconnected, do not connect to power or ground) A6 IPU A7 IPU A9 IPU A10 IPU A11 IPD A12 IPU A13 IPU A14 IPD A15 IPD A17 IPD B6 IPU B7 IPU RSV B8 IPU Reserved (leave unconnected, do not connect to power or ground) RSV B9 IPU Reserved (leave unconnected, do not connect to power or ground) B10 IPU B11 IPU B12 IPU B15 IPD B16 IPD B19 IPU C7 IPU C8 IPU C9 IPU C10 IPU C11 IPU C12 IPU † I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground ‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite supply rail, a 1-k Ω resistor should be used, unless otherwise noted.) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |