Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 40 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 40 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 41Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 42Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 43Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
40
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
HOST-PORT INTERFACE (HPI) or PERIPHERAL COMPONENT INTERCONNECT (PCI) (CONTINUED)
HD14/AD14§
U1
HD13/AD13§
U3
Host-port data (I/O/Z) [default] or PCI data-address bus (I/O/Z)
HD12/AD12§
U2
Host-port data (I/O/Z) [default] or PCI data-address bus (I/O/Z)
HD11/AD11§
V4
As HPI data bus (PCI_EN pin = 0)
Used for transfer of data, address, and control
HD10/AD10§
V1
As HPI data bus (PCI_EN pin = 0)
• Used for transfer of data, address, and control
• Host-Port bus width (HPI_WIDTH) user-configurable at device reset via a 10-kΩ resistor
HD9/AD9§
V3
• Host-Port bus width (HPI_WIDTH) user-configurable at device reset via a 10-kΩ resistor
pullup/pulldown resistor on the HD5 pin:
HD8/AD8§
V2
pullup/pulldown resistor on the HD5 pin:
HD5 pin = 0: HPI operates as an HPI16.
HD7/AD7§
W2
I/O/Z
HD5 pin = 0: HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
HD6/AD6§
W4
I/O/Z
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
reserved pins in the high-impedance state.)
HD5/AD5§
Y1
reserved pins in the high-impedance state.)
HD5 pin = 1: HPI operates as an HPI32.
HD4/AD4§
Y3
HD5 pin = 1: HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD3/AD3§
Y2
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
HD2/AD2§
Y4
As PCI data-address bus (PCI_EN pin = 1)
Used for transfer of data and address
HD1/AD1§
AA1
• Used for transfer of data and address
HD0/AD0§
AA3
PCBE0§
W3
I/O/Z
PCI command/byte enable 0 (I/O/Z). When PCI is disabled (PCI_EN = 0), this pin is tied-off.
XSP_CS
AD1
O
IPD
PCI serial interface chip select (O). When PCI is disabled (PCI_EN = 0), this pin is tied-off.
XSP_CLK
AC2
I/O/Z
IPD
This pin has no function at default [default] or when PCI is enabled (PCI_EN = 1), this pin is the
PCI serial interface clock (O).
XSP_DI
AB3
I
IPU
This pin has no function at default [default] or when PCI is enabled (PCI_EN = 1), this pin is the
PCI serial interface data in (I). In PCI mode, this pin is connected to the output data pin of the
serial PROM.
XSP_DO
AA2
O/Z
IPU
This pin has no function at default [default] or when PCI is enabled (PCI_EN = 1), this pin is the
PCI serial interface data out (O). In PCI mode, this pin is connected to the input data pin of the
serial PROM.
GP15/PRST§
G3
General-purpose input/output (GPIO) 15 pin (I/O/Z) or PCI reset (I). No function at default.
GP14/PCLK§
F2
GPIO 14 pin (I/O/Z) or PCI clock (I). No function at default.
GP13/PINTA§
G4
GPIO 13 pin (I/O/Z) or PCI interrupt A (O/Z). No function at default.
GP12/PGNT§
J3
I/O/Z
GPIO 12 pin (I/O/Z) or PCI bus grant (I). No function at default.
GP11/PREQ§
F1
I/O/Z
GPIO 11 pin (I/O/Z) or PCI bus request (O/Z). No function at default.
GP10/PCBE3§
L2
GPIO 10 pin (I/O/Z) or PCI command/byte enable 3 (I/O/Z). No function at default.
GP9/PIDSEL§
M3
GPIO 9 pin (I/O/Z) or PCI initialization device select (I). No function at default.
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used, unless otherwise noted.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com