Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 43 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 41Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 42Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 43Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 44Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 45Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 46Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
EMIF (32-bit) − DATA§ (CONTINUED)
ED13
A20
ED12
D20
ED11
B20
ED10
C20
ED9
A21
ED8
D21
ED7
B21
I/O/Z
IPU
EMIF external data
ED6
C21
I/O/Z
IPU
EMIF external data
ED5
A22
ED4
C22
ED3
B22
ED2
B23
ED1
A23
ED0
A24
TIMER 2
TOUT2
A4
O/Z
IPD
Timer 2 or general-purpose output
TINP2
C5
I
IPD
Timer 2 or general-purpose input
TIMER 1
TOUT1
B5
O/Z
IPD
Timer 1 or general-purpose output
TINP1
A5
I
IPD
Timer 1 or general-purpose input
TIMER 0
TOUT0
D6
O/Z
IPD
Timer 0 or general-purpose output
TINP0
C6
I
IPD
Timer 0 or general-purpose input
MULTICHANNEL BUFFERED SERIAL PORT 1 (McBSP1)
CLKS1
AC8
I
McBSP1 external clock source (as opposed to internal)
CLKR1
AC10
I/O/Z
McBSP1 receive clock
CLKX1
AB12
I/O/Z
McBSP1 transmit clock
DR1
AF11
I
McBSP1 receive data
DX1
AB11
O/Z
McBSP1 transmit data
FSR1
AC9
I/O/Z
McBSP1 receive frame sync
FSX1
AB13
I/O/Z
McBSP1 transmit frame sync
MULTICHANNEL BUFFERED SERIAL PORT 0 (McBSP0)
CLKS0
F4
I
IPD
McBSP0 external clock source (as opposed to internal)
CLKR0
D1
I/O/Z
IPD
McBSP0 receive clock
CLKX0
E1
I/O/Z
IPD
McBSP0 transmit clock
DR0
D2
I
IPU
McBSP0 receive data
DX0
E2
O/Z
IPU
McBSP0 transmit data
FSR0
C1
I/O/Z
IPD
McBSP0 receive frame sync
FSX0
E3
I/O/Z
IPD
McBSP0 transmit frame sync
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used, unless otherwise noted.)
§ To maintain signal integrity for the EMIF signals, serial termination resistors should be inserted into all EMIF output signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com