Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 34 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 30Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 31Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 32Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 33Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
34
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 21. Device Configuration Pins (LEND, BOOTMODE[1:0], ECLKIN_SEL[1:0], EEAI, and HD5/AD5)
CONFIGURATION
PIN
NO.
FUNCTIONAL DESCRIPTION
LEND
E16
Device Endian mode (LEND)
0
System operates in Big Endian mode
1
− System operates in Little Endian mode (default)
BOOTMODE[1:0]
[D18,
C18]
Bootmode [1:0]. Default is reserved. External pullup and/or pulldown resistors must be used to select a
valid bootmode configuration.
00 –
No boot
01 − HPI boot
10 − Reserved
11 − EMIF 8-bit ROM boot with default timings (default mode)
ECLKIN_SEL[1:0]
[B18,
A18]
EMIF input clock select
Clock mode select for EMIF (ECLKIN_SEL[1:0])
00 –
ECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
EEAI
B17
PCI EEPROM Auto-Initialization (EEAI)
PCI auto-initialization via external EEPROM
0
− PCI auto-initialization through EEPROM is disabled; the PCI peripheral uses the specified
PCI default values (default).
1
− PCI auto-initialization through EEPROM is enabled; the PCI peripheral is configured
through EEPROM provided the PCI peripheral pin is enabled (PCI_EN = 1).
Note: If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be pulled up.
For more information on the PCI EEPROM default values, see the TMS320C6000 DSP Peripheral
Component Interconnect (PCI) Reference Guide (literature number SPRU581).
HD5/AD5
Y1
HPI configuration bus width (HPI_WIDTH)
0
− HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
reserved pins in the Hi-Z state.)
1
− HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com