Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 38 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 38Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 39Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 40Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 41Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
SIGNAL
TYPE†
IPD/
‡
DESCRIPTION
NAME
NO.
TYPE†
IPD/
IPU‡
DESCRIPTION
DEVICE CONFIGURATION
LEND
E16
I/O/Z
IPU
Device Endian mode
LEND:
0
–
Big Endian
1
− Little Endian (default mode)
HD5/AD5§
Y1
I/O/Z
Host-Port bus width (HPI_WIDTH) user-configurable at device reset via a 10-k
Ω resistor
pullup/pulldown resistor on the HD5 pin:
HD5 pin = 0: HPI operates as an HPI16.
(HPI bus is 16 bits wide. HD[15:0] pins are used and the remaining HD[31:16] pins are
reserved pins in the high-impedance state.)
HD5 pin = 1: HPI operates as an HPI32.
(HPI bus is 32 bits wide. All HD[31:0] pins are used for host-port operations.)
PCI_EN
AA4
I
IPD
PCI enable pin. This pin controls the selection (enable/disable) of the HPI and GP[15:9], or
PCI peripherals. For more details, see the Device Configurations section of this data sheet.
EEAI
B17
I/O/Z
IPD
PCI EEPROM Auto-Initialization (EEAI) via external EEPROM
If the PCI peripheral is disabled (PCI_EN pin = 0), this pin must not be pulled up.
EEAI: 0
− PCI auto-initialization through EEPROM is disabled (default).
1
− PCI auto-initialization through EEPROM is enabled.
BOOTMODE1
D18
I/O/Z
IPU
Boot mode. Default is reserved. External pullup and/or pulldown resistors must be used to
select a valid bootmode configuration.
BOOTMODE[1:0]: 00 –
No boot
BOOTMODE0
C18
I/O/Z
IPD
BOOTMODE[1:0]: 00 –
No boot
01 − HPI boot
10 − Reserved
11 − EMIF 8-bit ROM boot with default timings (default mode)
ECLKIN_SEL1
B18
I/O/Z
IPD
EMIF clock mode select
ECLKIN_SEL[1:0]: 00 –
ECLKIN (default mode)
ECLKIN_SEL0
A18
I/O/Z
IPD
ECLKIN_SEL[1:0]: 00 –
ECLKIN (default mode)
01 − CPU/4 Clock Rate
10 − CPU/6 Clock Rate
11 − Reserved
RESETS, INTERRUPTS, AND GENERAL-PURPOSE INPUT/OUTPUTS
RESET
AC7
I
Device reset
NMI
B4
I
IPD
Nonmaskable interrupt, edge-driven (rising edge)
GP7/EXT_INT7
AF4
General-purpose input/output (GPIO) pins (I/O/Z) or external interrupts (input only). The
default after reset setting is GPIO enabled as input-only.
GP6/EXT_INT6
AD5
I/O/Z
IPU
General-purpose input/output (GPIO) pins (I/O/Z) or external interrupts (input only). The
default after reset setting is GPIO enabled as input-only.
When these pins function as External Interrupts [by selecting the corresponding interrupt
GP5/EXT_INT5
AE5
I/O/Z
IPU
• When these pins function as External Interrupts [by selecting the corresponding interrupt
enable register bit (IER.[7:4])], they are edge-driven and the polarity can be independently
GP4/EXT_INT4
AF5
enable register bit (IER.[7:4])], they are edge-driven and the polarity can be independently
selected via the External Interrupt Polarity Register bits (EXTPOL.[3:0]).
GP15/PRST§
G3
General-purpose input/output (GPIO) 15 pin (I/O/Z) or PCI reset (I). No function at default.
GP14/PCLK§
F2
GPIO 14 pin (I/O/Z) or PCI clock (I). No function at default.
GP13/PINTA§
G4
GPIO 13 pin (I/O/Z) or PCI interrupt A (O/Z). No function at default.
GP12/PGNT§
J3
I/O/Z
GPIO 12 pin (I/O/Z) or PCI bus grant (I). No function at default.
GP11/PREQ§
F1
I/O/Z
GPIO 11 pin (I/O/Z) or PCI bus request (O/Z). No function at default.
GP10/PCBE3§
L2
GPIO 10 pin (I/O/Z) or PCI command/byte enable 3 (I/O/Z). No function at default.
GP9/PIDSEL§
M3
GPIO 9 pin (I/O/Z) or PCI initialization device select (I). No function at default.
GP3
AC6
IPD
GPIO 3 pin (I/O/Z).
† I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground
‡ IPD = Internal pulldown, IPU = Internal pullup. (These IPD/IPU signal pins feature a 30-kΩ IPD or IPU resistor. To pull up a signal to the opposite
supply rail, a 1-k
Ω resistor should be used, unless otherwise noted.)
§ These pins are multiplexed pins. For more details, see the Device Configurations section of this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com