Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 62 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 62 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 58Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 59Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 60Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 61Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 62Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 63Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 64Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 65Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
62
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
31
16
15
14
13
12
11
10
9
8
Reserved
Enable or
Non-Enabled
Interrupt Wake
Enabled
Interrupt Wake
PD3
PD2
PD1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
7
0
Legend: R/W−x = Read/write reset value
NOTE: The shadowed bits are not part of the power-down logic discussion and therefore are not covered here. For information on these other
bit fields in the CSR register, see the TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189).
Figure 10. PWRD Field of the CSR Register
A delay of up to nine clock cycles may occur after the instruction that sets the PWRD bits in the CSR before the
PD mode takes effect. As best practice, NOPs should be padded after the PWRD bits are set in the CSR to account
for this delay.
If PD1 mode is terminated by a non-enabled interrupt, the program execution returns to the instruction where
PD1 took effect. If PD1 mode is terminated by an enabled interrupt, the interrupt service routine will be executed
first, then the program execution returns to the instruction where PD1 took effect. In the case with an enabled
interrupt, the GIE bit in the CSR and the NMIE bit in the interrupt enable register (IER) must also be set in order
for the interrupt service routine to execute; otherwise, execution returns to the instruction where PD1 took effect
upon PD1 mode termination by an enabled interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com