Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 33 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 29Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 30Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 31Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 32Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 33Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 34Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 35Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 36Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
33
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DEVICE CONFIGURATIONS (CONTINUED)
Table 20. PCI_EN Peripheral Selection (HPI/GP[15:9] or PCI)
PCI_EN Pin
PERIPHERALS SELECTED
PCI_EN Pin
[AA4]†
HPI
GP[15:9]
PCI
DESCRIPTION
0
[default] HPI is enabled, GP[15:9] pins can be programmed as GPIO, PCI is
disabled.
This means all multiplexed HPI/PCI pins function as HPI and all standalone PCI
pins (PCBE0, XSP_DO, XSP_DI, XSP_CLK, and XSP_CS) are tied-off (Hi-Z).
Also, the multiplexed GPIO/PCI pins can be used as GPIO with the proper
software configuration of the GPIO enable (GPxEN) and direction (GPxDIR)
registers (for more details, see Table 22).
1
PCI is enabled, HPI/GP[15:9] are disabled.
This means all multiplexed HPI/PCI pins function as PCI. Also, the multiplexed
GPIO/PCI pins function as PCI pins (for more details, see Table 22).
Auto-initialization through PCI EEPROM or initialization via specified PCI default
values is controlled by the EEAI pin, see Table 21.
† The PCI_EN pin is latched at reset and must be driven valid at all times and the user must not switch values throughout device operation.
other device configurations
Table 21 describes the C6411 device configuration pins, which are set up via external pullup/pulldown resistors
through the specified pins. For more details on these device configuration pins, see the Terminal Functions table
and the Debugging Considerations section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com