Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TMP32C6411ZLZ Datasheet(PDF) 101 Page - Texas Instruments

No. de pieza TMP32C6411ZLZ
Descripción Electrónicos  FIXED POINT DIGITAL SIGNAL PROCESSOR
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TMP32C6411ZLZ Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMP32C6411ZLZ Datasheet HTML 97Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 98Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 99Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 100Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 101Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 102Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 103Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 104Page - Texas Instruments TMP32C6411ZLZ Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 119 page
background image
TMS320C6411
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS196H − MARCH 2002 − REVISED JULY 2004
101
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
timing requirements for serial EEPROM interface (see Figure 50)
NO.
−300
UNIT
NO.
MIN
MAX
UNIT
8
tsu(DIV-CLKH)
Setup time, XSP_DI valid before XSP_CLK high
50
ns
9
th(CLKH-DIV)
Hold time, XSP_DI valid after XSP_CLK high
0
ns
switching characteristics over recommended operating conditions for serial EEPROM interface†
(see Figure 50)
NO.
PARAMETER
−300
UNIT
NO.
PARAMETER
MIN
NOM
MAX
UNIT
1
tw(CSL)
Pulse duration, XSP_CS low
4092P
ns
2
td(CLKL-CSL)
Delay time, XSP_CLK low to XSP_CS low
0
ns
3
td(CSH-CLKH)
Delay time, XSP_CS high to XSP_CLK high
2046P
ns
4
tw(CLKH)
Pulse duration, XSP_CLK high
2046P
ns
5
tw(CLKL)
Pulse duration, XSP_CLK low
2046P
ns
6
tosu(DOV-CLKH)
Output setup time, XSP_DO valid before XSP_CLK high
2046P
ns
7
toh(CLKH-DOV)
Output hold time, XSP_DO valid after XSP_CLK high
2046P
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 300 MHz, use P = 3.33 ns.
8
7
6
3
2
5
4
1
XSP_CS
XSP_CLK
XSP_DO
XSP_DI
9
Figure 50. PCI Serial EEPROM Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com