Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 88 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 88 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 84Page - EAO AG. 704.963.6.. Datasheet HTML 85Page - EAO AG. 704.963.6.. Datasheet HTML 86Page - EAO AG. 704.963.6.. Datasheet HTML 87Page - EAO AG. 704.963.6.. Datasheet HTML 88Page - EAO AG. 704.963.6.. Datasheet HTML 89Page - EAO AG. 704.963.6.. Datasheet HTML 90Page - EAO AG. 704.963.6.. Datasheet HTML 91Page - EAO AG. 704.963.6.. Datasheet HTML 92Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 130 page
background image
04
Marking
86
07.2010
0
>
All dimensions in mm
0
0
The gap between 2 words results in each case a letter less.
>
All dimensions in mm
0
0
The gap between 2 words results in each case a letter less.
>
General notes
1. Engraving
In addition to the most commonly used world
languages, in DIN 1451-3 close spacing, other
typefaces are available as Scandinavian,
Slavic, Greek, Russian and Polish.
The lenses are filled with black or white colour.
Standard height of letters is 3 mm. If the height
is not specified, we will supply 3 mm engraved
letters.
2. Hot stamping
Standard legends and ISO symbols are hot
stamped. For larger series it is worth
considering markings by means of hot
stamping. We will pleased to advise you.
3. Film inserts
Instead of using engraving the square lenses
can be fitted with film inserts, as an alternative.
Film thickness is 0.25 mm.
Max. film size :
for Indicator 24.5 mm x 24.5 mm
for illuminated Pushbutton 21.5 x 21.5 mm.
Engraving marking cap for Indicator round, full face illumination
Height of letters
Number of lines
Number of (target value) letters per line
Line spacing
h
b1b2
b3d
3
3
11
10
9
4.6
4
287
-
6.6
8
14-
-
-
Engraving marking cap for Indicator and illuminated Pushbutton round, front illumination
Height of letters
Number of lines
Number of (target value) letters per line
Line spacing
h
b1b2
b3d
3
399
74.6
4
276
-
6.6
8
13-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com