Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 68 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 68 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 64Page - EAO AG. 704.963.6.. Datasheet HTML 65Page - EAO AG. 704.963.6.. Datasheet HTML 66Page - EAO AG. 704.963.6.. Datasheet HTML 67Page - EAO AG. 704.963.6.. Datasheet HTML 68Page - EAO AG. 704.963.6.. Datasheet HTML 69Page - EAO AG. 704.963.6.. Datasheet HTML 70Page - EAO AG. 704.963.6.. Datasheet HTML 71Page - EAO AG. 704.963.6.. Datasheet HTML 72Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 130 page
background image
66
07.2010
04
Spare Parts
>
Continuation see next page
Continuation see next page
Continuation see next page
Continuation see next page
Continuation see next page
Technical drawing from page 95
Indicator and Flasher square, full face illumination
Indicator actuator square, full face illumination
Housing
b 30 x 30 mm
Typ-Nr.
e
Indicator actuator square, full face illumination
Plastic black
704.730.0
0.005
Plastic grey
704.730.1
0.005
Lens cap square, plastic
Lens cap
b 30 x 30 mm
Typ-Nr.
e
Lens cap square, plastic
blue transparent
704.703.6
0.003
colourless transparent
704.703.7
0.003
green transparent
704.703.5
0.003
red transparent
704.703.2
0.003
yellow transparent
704.703.4
0.003
Diffusor cap for Lens cap square
Diffusor cap
b 30 x 30 mm
Typ-Nr.
e
Diffusor cap for Lens cap square
can be marked
Plastic white
704.708.9
0.004
LED
Plastic colourless
704.708.7
0.004
Marking foil for Lens square
Marking foil
Typ-Nr.
e
Marking foil for Lens square
can be hot stamped
Plastic colourless transparent
704.706.7
0.001
Bayonet flange
Typ-Nr.
e
Bayonet flange
Metal
704.960.5
48
0.025
Plastic
704.950.5
47
0.015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com