Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 50 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 50 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 46Page - EAO AG. 704.963.6.. Datasheet HTML 47Page - EAO AG. 704.963.6.. Datasheet HTML 48Page - EAO AG. 704.963.6.. Datasheet HTML 49Page - EAO AG. 704.963.6.. Datasheet HTML 50Page - EAO AG. 704.963.6.. Datasheet HTML 51Page - EAO AG. 704.963.6.. Datasheet HTML 52Page - EAO AG. 704.963.6.. Datasheet HTML 53Page - EAO AG. 704.963.6.. Datasheet HTML 54Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 130 page
background image
48
07.2010
04
Accessories
adhesive, Aluminium black
Continuation see next page
Technical drawing from page 95
for Legend frame 704.968.2 and 704.968.3
Continuation see next page
Continuation see next page
Mounting hole size 22.5 mm dia.
Continuation see next page
Protective cover only for selector switch in basic position A applicable.
Technical drawing from page 95
Front
Legend frame
Typ-Nr.
e
Legend frame
30 x 50 mm for raised mounting
704.968.2
55
0.001
35 x 57.5 mm for flush mounting
704.968.3
60
0.001
Legend plate insert
Typ-Nr.
e
Legend plate insert
14.5 x 23.5 mm, adhesive, Aluminium black
704.968.1
0.001
14.5 x 23.5 mm, adhesive, Aluminium natural
704.968.0
0.001
Legend plate, square for flush mounting
Typ-Nr.
e
Legend plate, square for flush mounting
18 x 35 mm, adhesive, Aluminium black
704.968.5
0.001
18 x 35 mm, adhesive, Aluminium natural
704.968.4
0.001
Protective cover
Typ-Nr.
e
Protective cover
hinged, transparent, with means for sealing, for Pushbutton
704.925.0
49
0.007
hinged, transparent, with means for sealing, for Selector switch
704.925.2
51
0.007
hinged, transparent, with means for sealing, with spring fitted, for Pushbutton
704.925.3
49
0.007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com