Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 61 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 61 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 57Page - EAO AG. 704.963.6.. Datasheet HTML 58Page - EAO AG. 704.963.6.. Datasheet HTML 59Page - EAO AG. 704.963.6.. Datasheet HTML 60Page - EAO AG. 704.963.6.. Datasheet HTML 61Page - EAO AG. 704.963.6.. Datasheet HTML 62Page - EAO AG. 704.963.6.. Datasheet HTML 63Page - EAO AG. 704.963.6.. Datasheet HTML 64Page - EAO AG. 704.963.6.. Datasheet HTML 65Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
59
07.2010
04
Accessories
Lamp voltage/-current : 24 VAC, 50 mA, 50/60 Hz
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
Lamp voltage/-current : 130 V, 20mA und 60 V, 33 mA
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
Lamp voltage/-current : 130 V, 20mA
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
for fitting with series resistors
Continuation see next page
Lamp transformer
Typ-Nr.
e
Lamp transformer
Operating voltage : 115 VAC / 24 VAC
ST
704.970.3
33
9
0.100
Operating voltage : 230 VAC / 24 VAC
ST
704.970.4
33
9
0.100
Operating voltage : 400 VAC / 24 VAC
ST
704.970.5
33
9
0.100
Operating voltage : 440 VAC / 24 VAC
ST
704.970.6
33
9
0.100
Resistor block
Typ-Nr.
e
Resistor block
Operating voltage : 125 VAC / 60 VAC
ST
704.941.5
34
10
0.006
Operating voltage : 230 VAC / 130 VAC
ST
704.941.0
34
10
0.017
Resistor-diode block
Typ-Nr.
e
Resistor-diode block
Operating voltage : 230 VAC / 130 VAC
ST
704.941.9
34
11
0.017
Terminal plate empty
Typ-Nr.
e
Terminal plate empty
10 spaces 125 x 60 x 15 mm
02-912.2
0.045
15 spaces 187.5 x 60 x 15 mm
02-912.3
0.090
20 spaces 250 x 60 x 15 mm
02-912.4
0.095
5 spaces 62.5 x 60 x 15 mm
02-912.1
0.025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com