Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 49 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 49 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 45Page - EAO AG. 704.963.6.. Datasheet HTML 46Page - EAO AG. 704.963.6.. Datasheet HTML 47Page - EAO AG. 704.963.6.. Datasheet HTML 48Page - EAO AG. 704.963.6.. Datasheet HTML 49Page - EAO AG. 704.963.6.. Datasheet HTML 50Page - EAO AG. 704.963.6.. Datasheet HTML 51Page - EAO AG. 704.963.6.. Datasheet HTML 52Page - EAO AG. 704.963.6.. Datasheet HTML 53Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 130 page
background image
04
Devices flush mounting
47
07.2010
Continuation see next page
Connection types
S41: Cage clamp 1.0 ... 1.5 mm²
S42: JST connector max. 0.2 mm² (counter plug is supplied)
S43: Plug-in terminal 6.3 x 0.8 mm
S44:: Cage clamp 1.0 ... 1.5 mm²
S45: Screw terminal or plug-in terminal 6.3 x 0.8 mm.
Micro-switch contacts
The micro-switch is available with a silver contact or a gold plated silver contact.
Contact without positive opening operation:
This is used in the lever switches S41, S42 and S43. Each lever switch includes a maximum of 5 micro-switches.
Contact with positive opening operation:
This is used in the lever switches S44 and S45. Each lever switch includes a maximum of 4 micro-switches.
Levers
There are 8 alternative standard levers (02, 03, 04, 05, 11, 13, 14, 15) available. Special levers are available on request.
Front bezel
Standard front bezel in aluminium natural, can also be delivered in black version.
Note:
Typ-Nr. will be supplied once switching function has been defined including specification of lever style and switching positions.
For further information please contact your local sales office.
A detailed technical documentation is available separately.
Switching action: MA = Maintained action, M = Momentary action
Contacts: NC = Normally closed, NO = Normally open
Contact material: Ag = Silver
Lever switch
Front ring
Lever
Contacts
Ø 40 mm
Typ-Nr.
e
Lever switch
Typ S41, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.151.XXX
0.230
Typ S42, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.152.XXX
0.230
Typ S43, Lever-Nr. 11, 1 Contact element
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.153.XXX
0.230
Typ S44, Lever-Nr. 11, 1 Contact element
positive opened
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.154.XXX
0.230
Typ S45, Lever-Nr. 11, 1 Contact element
positive opend
IP 54
Aluminium natural
Plastic black
MA / M
1 NC / 1 NO
Ag
704.155.XXX
0.230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com