Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 23 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 23 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 19Page - EAO AG. 704.963.6.. Datasheet HTML 20Page - EAO AG. 704.963.6.. Datasheet HTML 21Page - EAO AG. 704.963.6.. Datasheet HTML 22Page - EAO AG. 704.963.6.. Datasheet HTML 23Page - EAO AG. 704.963.6.. Datasheet HTML 24Page - EAO AG. 704.963.6.. Datasheet HTML 25Page - EAO AG. 704.963.6.. Datasheet HTML 26Page - EAO AG. 704.963.6.. Datasheet HTML 27Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
04
Devices raised mounting
21
07.2010
Continued from previous page
Frontring with protective cover to be mounted with a torque of 40 Ncm onto actuator.
Switching action: MA = Maintained action, M = Momentary action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Application as per DIN EN ISO 13850 and EN 60204-1
Essential Accessories:
d Switching element for Emergency-stop pushbutton page 54
Continuation see next page
Switching action: MA = Maintained action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Emergency-stop pushbutton actuator, foolproof EN IEC 60947-5-5
Mushroom had cap
Marking
Ø 37 mm
Typ-Nr.
e
Emergency-stop pushbutton actuator, foolproof EN IEC
60947-5-5
Yellow actuator
Key to unlock anti-clockwise
Standard lock 9500
Max. 2 Slow-make elements can be clipped on
IP 65
MA
Plastic red
Arrows
704.066.2
2
24
6
0.300
Yellow actuator
Twist to unlock anti-clockwise
Max. 2 Slow-make elements can be clipped on
IP 65
MA
Plastic red
Arrows
704.064.2
2
14
6
0.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com