Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 57 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 57 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 53Page - EAO AG. 704.963.6.. Datasheet HTML 54Page - EAO AG. 704.963.6.. Datasheet HTML 55Page - EAO AG. 704.963.6.. Datasheet HTML 56Page - EAO AG. 704.963.6.. Datasheet HTML 57Page - EAO AG. 704.963.6.. Datasheet HTML 58Page - EAO AG. 704.963.6.. Datasheet HTML 59Page - EAO AG. 704.963.6.. Datasheet HTML 60Page - EAO AG. 704.963.6.. Datasheet HTML 61Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 130 page
background image
55
07.2010
04
Accessories
Continuation see next page
Rotary switching elements are not on stock and have to be ordered as a customised product locally
Terminals: ST = Screw terminal
Circuit drawing from page 115
Continuation see next page
Rotary switching elements are not on stock and have to be ordered as a customised product locally
Terminals: ST = Screw terminal
Circuit drawing from page 115
Rotary selector switching element 30°
Contacts
Typ-Nr.
e
Rotary selector switching element 30°
Position a : Start position
Position i : End position
9 (1-pole)
5
ST
704.8A236
13
0.073
Position a : Start position
Position k : End position
10 (1-pole)
5
ST
704.8A237
14
0.073
Position a : Start position
Position l : End position
11 (1-pole)
6
ST
704.8A238
15
0.082
Position a : Start position
Position m : End position
12 (1-pole)
6
ST
704.8A239
16
0.082
Position a : Start position
without stop
12 (1-pole)
6
ST
704.8A639
16
0.082
Rotary selector switching element 45°
Contacts
Typ-Nr.
e
Rotary selector switching element 45°
Position a : Start position
Position g : End position
7 (1-pole)
4
ST
704.8A234
17
0.064
7 (2-poles)
7
ST
704.8A254
18
0.091
Position a : Start position
Position h : End position
8 (1-pole)
4
ST
704.8A235
19
0.064
8 (2-poles)
8
ST
704.8A255
20
0.100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com