Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 58 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 58 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 54Page - EAO AG. 704.963.6.. Datasheet HTML 55Page - EAO AG. 704.963.6.. Datasheet HTML 56Page - EAO AG. 704.963.6.. Datasheet HTML 57Page - EAO AG. 704.963.6.. Datasheet HTML 58Page - EAO AG. 704.963.6.. Datasheet HTML 59Page - EAO AG. 704.963.6.. Datasheet HTML 60Page - EAO AG. 704.963.6.. Datasheet HTML 61Page - EAO AG. 704.963.6.. Datasheet HTML 62Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 130 page
background image
56
07.2010
04
Accessories
Continuation see next page
Rotary switching elements are not on stock and have to be ordered as a customised product locally
Terminals: ST = Screw terminal
Circuit drawing from page 115
Continuation see next page
Technical drawing from page 95
Continuation see next page
Rotary selector switching element 60°
Contacts
Typ-Nr.
e
Rotary selector switching element 60°
Position a : Start position
Position c : End position
3 (1-pole)
2
ST
704.8A230
21
0.046
3 (1-pole, DC-isolated)
2
ST
704.8A730
32
0.046
3 (2-poles)
3
ST
704.8A250
22
0.055
3 (3-poles)
5
ST
704.8A270
23
0.073
Position a : Start position
Position d : End position
4 (1-pole)
2
ST
704.8A231
24
0.046
4 (1-pole, DC isolated)
2
ST
704.8A731
33
0.046
4 (2-poles)
4
ST
704.8A251
25
0.064
4 (3-poles)
6
ST
704.8A271
26
0.082
Position a : Start position
Position e : End position
5 (1-pole)
3
ST
704.8A232
27
0.055
5 (2-poles)
5
ST
704.8A252
28
0.073
5 (3-poles)
8
ST
704.8A272
29
0.100
Position a : Start position
Position f : End position
6 (1-pole)
3
ST
704.8A233
30
0.055
6 (2-poles)
6
ST
704.8A253
31
0.082
Terminal cover
Typ-Nr.
e
Terminal cover
for covering of screw terminal
704.964.5
35
0.003
Terminal marking
Marking
Typ-Nr.
e
Terminal marking
1 NC + 1 NO (for 1st or 2nd switching element)
13/21 33/41
704.965.9
0.001
22/14 42/34
704.966.0
0.001
1 NC + 1 NO (for 3rd switching element)
53/61 73/81
704.966.1
0.001
62/54 82/74
704.966.2
0.001
2 NC (for 1st or 2nd switching element)
11/21 31/41
704.965.5
0.001
22/12 42/32
704.965.6
0.001
2 NC (for 3rd switching element)
51/61 71/81
704.965.7
0.001
62/52 82/72
704.965.8
0.001
2 NO (for 1st or 2nd switching element)
13/23 33/43
704.965.1
0.001
24/14 44/34
704.965.2
0.001
2 NO (for 3rd switching element)
53/63 73/83
704.965.3
0.001
64/54 84/74
704.965.4
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com