Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 51 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 51 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 47Page - EAO AG. 704.963.6.. Datasheet HTML 48Page - EAO AG. 704.963.6.. Datasheet HTML 49Page - EAO AG. 704.963.6.. Datasheet HTML 50Page - EAO AG. 704.963.6.. Datasheet HTML 51Page - EAO AG. 704.963.6.. Datasheet HTML 52Page - EAO AG. 704.963.6.. Datasheet HTML 53Page - EAO AG. 704.963.6.. Datasheet HTML 54Page - EAO AG. 704.963.6.. Datasheet HTML 55Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
49
07.2010
04
Accessories
Mounting hole size 30.5 mm dia.
Continuation see next page
Technical drawing from page 95
Continuation see next page
Technical drawing from page 95
Continuation see next page
Other lock numbers on request
Protective cover, flush mounting
Typ-Nr.
e
Protective cover, flush mounting
hinged, Aluminium natural, with means for sealing, for Pushbutton and Selector switch short
lever
704.928.38
53
0.019
hinged, Aluminium natural, with means for sealing, spring fitted, for Pushbutton and Selector
switch short lever
704.928.28
50
0.019
hinged, Aluminium natural, with window, spring fitted, for Pushbutton
704.928.18
52
0.019
hinged, transparent, with means for sealing, for Pushbutton
704.925.7
54
0.006
Blind plug
Blind plug
Typ-Nr.
e
Blind plug
Size 28 mm dia., for mounting hole 22.5 mm dia.
Plastic black
704.960.4
46
0.004
Size 30 x 30 mm, for mounting hole 22.5 mm dia.
Plastic black
704.964.7
43
0.009
Size 35 x 35 mm, for mounting hole 30 x 30 mm
Plastic black
704.964.9
45
0.009
Size 36 mm dia., for mounting hole 30.5 mm dia.
Plastic black
704.964.8
44
0.007
Spare key
Typ-Nr.
e
Spare key
Standard lock 251
704.989.251
0.006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com