Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 28 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 28 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 24Page - EAO AG. 704.963.6.. Datasheet HTML 25Page - EAO AG. 704.963.6.. Datasheet HTML 26Page - EAO AG. 704.963.6.. Datasheet HTML 27Page - EAO AG. 704.963.6.. Datasheet HTML 28Page - EAO AG. 704.963.6.. Datasheet HTML 29Page - EAO AG. 704.963.6.. Datasheet HTML 30Page - EAO AG. 704.963.6.. Datasheet HTML 31Page - EAO AG. 704.963.6.. Datasheet HTML 32Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 130 page
background image
04
Devices raised mounting
26
07.2010
Essential Accessories:
d Switching element page 51
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Mounting dimensions from page 91, Technical drawing from page 95, Circuit drawing from page 115
Keylock switch actuator 3 positions
0
Frontbezel/-ring
b 30 x 30 mm
Typ-Nr.
Ø 29 mm
Typ-Nr.
e
Keylock switch actuator 3 positions
Position C : Maintained action 42°
Position A : Basic position
Position B : Momentary action 42°
Standard lock 251
IP 65
Plastic grey
MA-0-M
C
704.337.0
5
9
46
0.070
C + A
704.344.0
5
9
46
0.070
Position C : Momentary action 42°
Position A : Basic position
Position B : Maintained action 42°
Standard lock 251
IP 65
Plastic grey
M-0-MA
A
704.338.0
5
9
43
0.070
Position C + B : Maintained action 42°
Position A : Basic position
Standard lock 251
IP 65
Plastic grey
MA-0-MA
A
704.334.0
5
9
47
0.070
C + B
704.336.0
5
9
47
0.070
Position C + B : Maintained action 90°
Position A : Basic position
Standard lock 251
IP 65
Plastic grey
MA-0-MA
C + A + B
704.333.0
5
9
47
0.070
Position C + B : Momentary action 42°
Position A : Basic position
Standard lock 251
IP 65
Plastic grey
M-0-M
A
704.335.0
5
9
42
0.070
Position C : Maintained action 42°
Position A : Basic position
Position B : Momentary action 42°
Standard lock 251
IP 65
Aluminium
chromium-plated
MA-0-M
C
704.117.0
5
9
46
0.070
C + A
704.124.0
5
9
46
0.070
Position C : Momentary action 42°
Position A : Basic position
Position B : Maintained action 42°
Standard lock 251
IP 65
Aluminium
chromium-plated
M-0-MA
A
704.118.0
5
9
43
0.070
Position C + B : Maintained action 42°
Position A : Basic position
Standard lock 251
IP 65
Aluminium
chromium-plated
MA-0-MA
A
704.114.0
5
9
47
0.070
C + B
704.116.0
5
9
47
0.070
Position C + B : Maintained action 90°
Position A : Basic position
Standard lock 251
IP 65
Aluminium
chromium-plated
MA-0-MA
C + A + B
704.113.0
5
9
47
0.070
Position C + B : Momentary action 42°
Position A : Basic position
Standard lock 251
IP 65
Aluminium
chromium-plated
M-0-M
A
704.115.0
5
9
42
0.070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com