Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 72 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 72 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 68Page - EAO AG. 704.963.6.. Datasheet HTML 69Page - EAO AG. 704.963.6.. Datasheet HTML 70Page - EAO AG. 704.963.6.. Datasheet HTML 71Page - EAO AG. 704.963.6.. Datasheet HTML 72Page - EAO AG. 704.963.6.. Datasheet HTML 73Page - EAO AG. 704.963.6.. Datasheet HTML 74Page - EAO AG. 704.963.6.. Datasheet HTML 75Page - EAO AG. 704.963.6.. Datasheet HTML 76Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 130 page
background image
70
07.2010
04
Spare Parts
Continuation see next page
Terminals: PIT = PIT Spring terminal, PT 6.3 = Plug-in terminal 6.3 mm, ST = Screw terminal, D-PT 6.3 = Double plug-in
terminal 6.3 mm
Technical drawing from page 95, Circuit drawing from page 115
>
Continuation see next page
Continuation see next page
Continuation see next page
Lamp block
Terminals
Typ-Nr.
e
Lamp block
Spring terminal
PIT
704.950.3
42
5
0.014
Standard
PT 6.3
704.950.1
40
5
0.012
ST
704.950.0
39
5
0.012
Terminals Cu/Sn nickel plated
D-PT 6.3
704.950.2/D
41
5
0.013
Terminals Cu/Sn nickel plated and blank
D-PT 6.3
704.950.1/D
41
5
0.013
Terminals for ring cable shoe
ST
704.950.0B
39
5
0.013
Indicator and Flasher square, front illumination
Indicator actuator square, front illumination
Front bezel
Housing
b 35 x 35 mm
Typ-Nr.
b 30 x 30 mm
Typ-Nr.
e
Indicator actuator square, front illumination
black
Plastic black
704.743.0
0.020
silver
Plastic black
704.743.8
0.020
without
Plastic black
704.733.0
0.020
Plastic grey
704.733.1
0.020
Lens square, plastic
Lens
b 35 x 35 mm
Typ-Nr.
b 30 x 30 mm
Typ-Nr.
e
Lens square, plastic
blue transparent
704.702.6
704.702.6
0.001
colourless transparent
704.702.7
704.702.7
0.001
green transparent
704.702.5
704.702.5
0.001
red transparent
704.702.2
704.702.2
0.001
yellow transparent
704.702.4
704.702.4
0.001
Lens holder for Lens square
Lens holder
Typ-Nr.
e
Lens holder for Lens square
can be marked
translucent white
704.709.9
0.003
LED
transparent colourless
704.709.7
0.003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com