Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 85 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 85 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 81Page - EAO AG. 704.963.6.. Datasheet HTML 82Page - EAO AG. 704.963.6.. Datasheet HTML 83Page - EAO AG. 704.963.6.. Datasheet HTML 84Page - EAO AG. 704.963.6.. Datasheet HTML 85Page - EAO AG. 704.963.6.. Datasheet HTML 86Page - EAO AG. 704.963.6.. Datasheet HTML 87Page - EAO AG. 704.963.6.. Datasheet HTML 88Page - EAO AG. 704.963.6.. Datasheet HTML 89Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 130 page
background image
83
07.2010
04
Technical Data
Inductive loads T = 50 ms
0
Environmental conditions
Operating temperature
Ambient Temperatures of Stages
0
48 V
95 V
140 V
190 V
240 V
290 V
350 V
6 A
60 V
120 V
180 V
240 V
300 V
360 V
450 V
2.5 A
110 V
220 V
330 V
440 V
550 V
660 V
0.7 A
220 V
440 V
660 V
0.3 A
440 V
660 V
0.2 A
Number of series contact(s)
Switch
1
2
3
4
5
6
8
Capacity
24 V
48 V
70 V
95 V
120 V
145 V
190 V
6 A
30 V
60 V
90 V
120 V
150 V
180 V
240 V
3 A
48 V
95 V
140 V
190 V
240 V
290 V
350 V
1 A
60 V
120 V
180 V
240 V
300 V
360 V
450 V
0.7 A
110 V
220 V
330 V
440 V
550 V
660 V
0.3 A
open at 100 % Iu/Ith
55 °C during 24 h with peaks up to 60 °C
enclosed at 100 % Ithe
35 °C during 24 h with peaks up to 40 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com