Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 56 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 56 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 52Page - EAO AG. 704.963.6.. Datasheet HTML 53Page - EAO AG. 704.963.6.. Datasheet HTML 54Page - EAO AG. 704.963.6.. Datasheet HTML 55Page - EAO AG. 704.963.6.. Datasheet HTML 56Page - EAO AG. 704.963.6.. Datasheet HTML 57Page - EAO AG. 704.963.6.. Datasheet HTML 58Page - EAO AG. 704.963.6.. Datasheet HTML 59Page - EAO AG. 704.963.6.. Datasheet HTML 60Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 130 page
background image
54
07.2010
04
Accessories
Continuation see next page
Switching system: SM = Slow-make switching element
Contacts: NC = Normally closed, NO = Normally open
Contact material: Au-Ag = Gold-Silver, Ag-Cu = Hard silver, Ag-Pd = Silver-Palladium
Terminals: PIT = PIT Spring terminal, ST = Screw terminal, D-PT 6.3 = Double plug-in terminal 6.3 mm, PT 6.3 = Plug-in
terminal 6.3 mm
Technical drawing from page 95, Circuit drawing from page 115
Switching element for Emergency-stop pushbutton
Switch rating
Contacts
Typ-Nr.
e
Switching element for
Emergency-stop
pushbutton
250 VAC, 6 A
SM
1 NC
Au-Ag
PIT
704.917.2
28
7
0.019
Ag-Cu
PIT
704.918.2
28
7
0.019
1 NC + 1 NO
Au-Ag
PIT
704.917.5
28
48
0.026
Ag-Cu
PIT
704.918.5
28
48
0.026
1 NO
Au-Ag
PIT
704.917.1
28
8
0.019
Ag-Cu
PIT
704.918.1
28
8
0.019
2 NC
Au-Ag
PIT
704.917.4
28
50
0.019
Ag-Cu
PIT
704.918.4
28
50
0.019
2 NO
Au-Ag
PIT
704.917.3
28
49
0.026
Ag-Cu
PIT
704.918.3
28
49
0.026
500 VAC, 10 A
SM
1 NC
Au-Ag
ST
704.911.2
29
7
0.021
Ag-Cu
D-PT 6.3
704.915.2/D
31
7
0.025
PT 6.3
704.915.2
30
7
0.021
ST
704.910.2
29
7
0.021
Ag-Pd
ST
704.912.2
29
7
0.021
1 NC + 1 NO
Au-Ag
ST
704.911.5
29
48
0.028
Ag-Cu
D-PT 6.3
704.915.5/D
31
48
0.032
PT 6.3
704.915.5
30
48
0.028
ST
704.910.5
29
48
0.028
Ag-Pd
ST
704.912.5
29
48
0.028
1 NO
Au-Ag
ST
704.911.1
29
8
0.021
Ag-Cu
D-PT 6.3
704.915.1/D
31
8
0.025
PT 6.3
704.915.1
30
8
0.021
ST
704.910.1
29
8
0.021
Ag-Pd
ST
704.912.1
29
8
0.021
2 NC
Au-Ag
ST
704.911.4
29
50
0.028
Ag-Cu
D-PT 6.3
704.915.4/D
31
50
0.032
PT 6.3
704.915.4
30
50
0.028
ST
704.910.4
29
50
0.028
Ag-Pd
ST
704.912.4
29
50
0.028
2 NO
Au-Ag
ST
704.911.3
29
49
0.028
Ag-Cu
D-PT 6.3
704.915.3/D
31
49
0.032
PT 6.3
704.915.3
30
49
0.028
ST
704.910.3
29
49
0.028
Ag-Pd
ST
704.912.3
29
49
0.028



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com