Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 83 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 83 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 79Page - EAO AG. 704.963.6.. Datasheet HTML 80Page - EAO AG. 704.963.6.. Datasheet HTML 81Page - EAO AG. 704.963.6.. Datasheet HTML 82Page - EAO AG. 704.963.6.. Datasheet HTML 83Page - EAO AG. 704.963.6.. Datasheet HTML 84Page - EAO AG. 704.963.6.. Datasheet HTML 85Page - EAO AG. 704.963.6.. Datasheet HTML 86Page - EAO AG. 704.963.6.. Datasheet HTML 87Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
81
07.2010
04
Technical Data
Illumination
Voltage 250 V max.
Power 2.6 W max.
BA9s standard adaptable.
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Operating temperature
-40 °C ... +55 °C
Protection degree
IP 20
Shock resistance
(single impacts, semi-sinusoidal)
300 m/s²puls width 11 ms, as per EN IEC 60068-2-27
Vibration resistance
(sinusoidal)
100 m/s² at 10 Hz ... 500 Hz, as per EN IEC 60068-2-6 and EN
61373 Increased broad band noise, class 1B
>
Buzzer system
System
Piezo disc
Material
Alarm buzzer case
Polyamide
Front cap
Plastic Polyamide
Metal Nickel-plated brass (sea-water proof)
Mechanical characteristics
Terminals
Plug-in terminal 2.8 x 0.5 mm
Electrical characteristics
Frequency (tone)
approx. 2.8 kHz continuous tone only
Sound pressure
95 db (A)
±8 dB at a distance of 0.1 m
Operation Voltage/Current
0
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Operating temperature
-25 °C ... +55 °C
Protection degree
as per EN IEC 60529, frontside
IP 40, devices flush mounting
IP 65, devices raised mounting
Approvals
Declaration of conformity
CE
>
Material
Front ring
Polyamide, Aluminium or Stainless steel
Mounting flange
Polyethylene terephtalate
Actuator housing
Polycarbonate, Polyamide
Mechanical characteristics
Actuating force
Mounting style square flush 6.2 N
other Mounting styles 8 N
Actuating travel
5.8 mm
± 0.2 mm
Mechanical lifetime
(with 1 switching element)
0
Electrical characteristics
Standards
The switches comply with the "Rules for low-voltage switching
devices" EN IEC 60947-5-1
Environmental conditions
Storage temperature
-40 °C ... +85 °C
Operating temperature
-25 °C ... +55 °C
-40 °C ... +55 °C (Key insert switch)
Protection degree
as per EN IEC 60529
frontside IP 65 (IP 67 Key insert switch)
>
Mechanical characteristics
Terminals
Screw terminals
Terminal lead material copper wires only
max. permissible wire gage :
Single-core or stranded wire 2 x 1.5 mm² (2 x AWG 14)
flexible wire 2 x 1,5 mm² (2 x AWG 16)
Buzzer
Operation Voltage
24 VDC
±10 %
Operation Current
≤25 mA
Actuator
Pushbutton
≤3 million
Cycles of operation
Selector switch
≤2.5 million
Cycles of operation
Stop switch
≤50 000
Cycles of operation
Fool proofed E-stop
≥6050
Cycles of operation
Keylock switch
≤50 000
Cycles of operation
Key insert switches
≤250 000
Cycles of operation
Rotary selector switch element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com