Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 74 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 74 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 70Page - EAO AG. 704.963.6.. Datasheet HTML 71Page - EAO AG. 704.963.6.. Datasheet HTML 72Page - EAO AG. 704.963.6.. Datasheet HTML 73Page - EAO AG. 704.963.6.. Datasheet HTML 74Page - EAO AG. 704.963.6.. Datasheet HTML 75Page - EAO AG. 704.963.6.. Datasheet HTML 76Page - EAO AG. 704.963.6.. Datasheet HTML 77Page - EAO AG. 704.963.6.. Datasheet HTML 78Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 130 page
background image
72
07.2010
04
Spare Parts
>
Actuators usable for devices with front dimension 29 mm dia., raised mounting and 35 mm dia., flush mounting
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Lenses are usable for round devices in raised and flush mounting
Continuation see next page
Continuation see next page
Continuation see next page
Pushbutton and Illuminated pushbutton round
Pushbutton- and Illuminated pushbutton actuator round
Housing
Typ-Nr.
e
Pushbutton- and Illuminated pushbutton actuator round
MA
Plastic grey
704.632.1
0.009
M
Plastic grey
704.631.1
0.009
Lens round, flush, plastic
Lens
Symbol
Typ-Nr.
e
Lens round, flush, plastic
black opaque
without
704.602.0
0.001
blue transparent
without
704.602.6
0.001
colourless transparent
Halo
704.602.7A01
0.001
without
704.602.7
0.001
green transparent
without
704.602.5
0.001
red transparent
without
704.602.2
0.001
yellow transparent
without
704.602.4
0.001
Marking plate for Lens round, flush
Marking plate
Typ-Nr.
e
Marking plate for Lens round, flush
Halo illumination
Plastic white translucent
704.609.9A01
0.001
LED
Plastic colourless transparent ribbed
704.609.7
0.001
LED and Filament lamp
Plastic white translucent
704.609.9
0.001
non-illuminative
Plastic black opaque
704.609.0
0.001
Lens round, metal
Lens
Ø 29 mm
Typ-Nr.
e
Lens round, metal
Aluminium black
704.601.0
0.001
Aluminium blue
704.601.6
0.001
Aluminium gold
704.601.4
0.001
Aluminium natural
704.601.8
0.001
Aluminium olive-green
704.601.5
0.001
Aluminium red
704.601.2
0.001
Stainless steel natural
704.601.9
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com