Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 77 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 77 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 73Page - EAO AG. 704.963.6.. Datasheet HTML 74Page - EAO AG. 704.963.6.. Datasheet HTML 75Page - EAO AG. 704.963.6.. Datasheet HTML 76Page - EAO AG. 704.963.6.. Datasheet HTML 77Page - EAO AG. 704.963.6.. Datasheet HTML 78Page - EAO AG. 704.963.6.. Datasheet HTML 79Page - EAO AG. 704.963.6.. Datasheet HTML 80Page - EAO AG. 704.963.6.. Datasheet HTML 81Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
75
07.2010
04
Spare Parts
>
Continuation see next page
Switching action: MA = Maintained action, M = Momentary action
Continuation see next page
Lenses are usable for square devices in raised and flush mounting
Continuation see next page
Continuation see next page
Pushbutton and Illuminated pushbutton square
Pushbutton- and Illuminated pushbutton actuator square
Front bezel
Housing
b 35 x 35 mm
Typ-Nr.
b 30 x 30 mm
Typ-Nr.
e
Pushbutton- and Illuminated
pushbutton actuator square
MA
black
Plastic black
704.742.0
0.020
silver
Plastic black
704.742.8
0.020
M
black
Plastic black
704.741.0
0.020
silver
Plastic black
704.741.8
0.020
MA
without
Plastic black
704.732.0
0.020
Plastic grey
704.732.1
0.020
M
without
Plastic black
704.731.0
0.020
Plastic grey
704.731.1
0.020
Lens square, plastic
Lens
Typ-Nr.
e
Lens square, plastic
black opaque
704.702.0
0.001
blue transparent
704.702.6
0.001
colourless transparent
704.702.7
0.001
green transparent
704.702.5
0.001
red transparent
704.702.2
0.001
white opaque
704.702.9
0.001
yellow transparent
704.702.4
0.001
Lens holder for Lens square
Lens holder
Typ-Nr.
e
Lens holder for Lens square
can be marked
translucent white
704.709.9
0.003
LED
transparent colourless
704.709.7
0.003
Marking foil for Lens square
Marking foil
Typ-Nr.
e
Marking foil for Lens square
can be hot stamped
Plastic colourless transparent
704.707.7
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com