Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 64 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 64 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 60Page - EAO AG. 704.963.6.. Datasheet HTML 61Page - EAO AG. 704.963.6.. Datasheet HTML 62Page - EAO AG. 704.963.6.. Datasheet HTML 63Page - EAO AG. 704.963.6.. Datasheet HTML 64Page - EAO AG. 704.963.6.. Datasheet HTML 65Page - EAO AG. 704.963.6.. Datasheet HTML 66Page - EAO AG. 704.963.6.. Datasheet HTML 67Page - EAO AG. 704.963.6.. Datasheet HTML 68Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 130 page
background image
62
07.2010
04
Accessories
to snap-on, for seperate mounting of lamp transformer, resistor block or capacitor block
Continuation see next page
Technical drawing from page 95
for thin front panel and plastic case
Continuation see next page
with lamp remover function (BA9s)
Continuation see next page
Continuation see next page
for Indicators full-face illumination, compact
Continuation see next page
Continuation see next page
Snap-on base
Typ-Nr.
e
Snap-on base
DIN mounting bar EN 50022
704.941.1
38
0.006
DIN mounting bar EN 50035
704.940.9
37
0.006
Reinforcement plate
Typ-Nr.
e
Reinforcement plate
44 x 29 x 2 mm, mounting hole 22,5 mm dia., sheet steel galvanized yellow passivated
704.960.9
0.014
Lens plug for round lens, flush mounting
Typ-Nr.
e
Lens plug for round lens, flush mounting
for mounting and dismantling of Lens round, flush mounting
700.006.0
0.003
Lens remover for square lens, flush mounting
Typ-Nr.
e
Lens remover for square lens, flush mounting
98-968
0.004
Mounting tool for Indicator
Typ-Nr.
e
Mounting tool for Indicator
for tightening (or loosening) of the Fixing nut
700.005.0
0.020
Mounting tool for Key insert switch
Typ-Nr.
e
Mounting tool for Key insert switch
for tightening (or loosening) of the Fixing nut
704.990.0
0.020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com