Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 60 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 60 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 56Page - EAO AG. 704.963.6.. Datasheet HTML 57Page - EAO AG. 704.963.6.. Datasheet HTML 58Page - EAO AG. 704.963.6.. Datasheet HTML 59Page - EAO AG. 704.963.6.. Datasheet HTML 60Page - EAO AG. 704.963.6.. Datasheet HTML 61Page - EAO AG. 704.963.6.. Datasheet HTML 62Page - EAO AG. 704.963.6.. Datasheet HTML 63Page - EAO AG. 704.963.6.. Datasheet HTML 64Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 130 page
background image
58
07.2010
04
Accessories
The max. overall length of the lamp may not exeed 25 mm
Continuation see next page
Note:
AC operation through halve-wave rectifier possible, slight flickering can occure.
12, 24, 28, 48 VAC/DC versions with bridge rectifier. Used on a DC voltage and AC voltage with the same light output.
Continuation see next page
Terminals: ST = Screw terminal
Technical drawing from page 95, Circuit drawing from page 115
Single-LED
Socket
Light colour
Operating voltage/-current
Typ-Nr.
e
Single-LED
BA9s
blue
12 VAC/DC, 16 mA
10-2509.1146
0.002
130 VAC, 5 mA
10-2H24.2056
0.002
230 VAC, 3 mA
10-2H25.2046
0.002
24 VAC/DC, 15 mA
10-2512.1146
0.002
28 VAC/DC, 13 mA
10-2513.1146
0.002
48 VAC/DC, 8 mA
10-2519.1056
0.002
6 VDC, 17 mA
10-2506.1086
0.002
green
12 VAC/DC, 7 mA
10-2509.1145
0.002
130 VAC, 3 mA
10-2H24.2055
0.002
230 VAC, 2 mA
10-2H25.2045
0.002
24 VAC/DC, 7 mA
10-2512.1145
0.002
28 VAC/DC, 7 mA
10-2513.1145
0.002
48 VAC/DC, 4 mA
10-2519.1055
0.002
6 VDC, 7 mA
10-2506.1085
0.002
red
12 VAC/DC, 16 mA
10-2509.1142
0.002
130 VAC, 5 mA
10-2H24.2052
0.002
230 VAC, 3 mA
10-2H25.2042
0.002
24 VAC/DC, 15 mA
10-2512.1142
0.002
28 VAC/DC, 13 mA
10-2513.1142
0.002
48 VAC/DC, 8 mA
10-2519.1052
0.002
6 VDC, 17 mA
10-2506.1082
0.002
white diffuse
12 VAC/DC, 16 mA
10-2509.1149
0.002
130 VAC, 5 mA
10-2H24.2059
0.002
230 VAC, 3 mA
10-2H25.2049
0.002
24 VAC/DC, 15 mA
10-2512.1149
0.002
28 VAC/DC, 13 mA
10-2513.1149
0.002
48 VAC/DC, 8 mA
10-2519.1059
0.002
6 VDC, 17 mA
10-2506.1089
0.002
yellow
12 VAC/DC, 16 mA
10-2509.1144
0.002
130 VAC, 5 mA
10-2H24.2054
0.002
230 VAC, 3 mA
10-2H25.2044
0.002
24 VAC/DC, 15 mA
10-2512.1144
0.002
28 VAC/DC, 13 mA
10-2513.1144
0.002
48 VAC/DC, 8 mA
10-2519.1054
0.002
6 VDC, 17 mA
10-2506.1084
0.002
Diode block
Typ-Nr.
e
Diode block
2 Diodes 1N4007
ST
704.942.5
34
2
0.019



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com