Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

704.963.6.. Datasheet(PDF) 69 Page - EAO AG.

No. de pieza 704.963.6..
Descripción Electrónicos  Devices raised mounting
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  EAO [EAO AG.]
Página de inicio  https://eao.com/
Logo EAO - EAO AG.

704.963.6.. Datasheet(HTML) 69 Page - EAO AG.

Back Button 704.963.6.. Datasheet HTML 65Page - EAO AG. 704.963.6.. Datasheet HTML 66Page - EAO AG. 704.963.6.. Datasheet HTML 67Page - EAO AG. 704.963.6.. Datasheet HTML 68Page - EAO AG. 704.963.6.. Datasheet HTML 69Page - EAO AG. 704.963.6.. Datasheet HTML 70Page - EAO AG. 704.963.6.. Datasheet HTML 71Page - EAO AG. 704.963.6.. Datasheet HTML 72Page - EAO AG. 704.963.6.. Datasheet HTML 73Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 130 page
background image
67
07.2010
04
Spare Parts
Continuation see next page
Terminals: PIT = PIT Spring terminal, PT 6.3 = Plug-in terminal 6.3 mm, ST = Screw terminal, D-PT 6.3 = Double plug-in
terminal 6.3 mm
Technical drawing from page 95, Circuit drawing from page 115
>
Continuation see next page
Lenses are usable for round devices in raised and flush mounting
Continuation see next page
Continuation see next page
Lamp block
Terminals
Typ-Nr.
e
Lamp block
Spring terminal
PIT
704.950.3
42
5
0.014
Standard
PT 6.3
704.950.1
40
5
0.012
ST
704.950.0
39
5
0.012
Terminals Cu/Sn nickel plated
D-PT 6.3
704.950.2/D
41
5
0.013
Terminals Cu/Sn nickel plated and blank
D-PT 6.3
704.950.1/D
41
5
0.013
Terminals for ring cable shoe
ST
704.950.0B
39
5
0.013
Indicator and Flasher round, front illumination
Indicator actuator round, front illumination
Housing
Typ-Nr.
e
Indicator actuator round, front illumination
Plastic grey
704.633.1
0.020
Lens round, flush, plastic
Lens
Symbol
Typ-Nr.
e
Lens round, flush, plastic
black opaque
without
704.602.0
0.001
blue transparent
without
704.602.6
0.001
colourless transparent
Halo
704.602.7A01
0.001
without
704.602.7
0.001
green transparent
without
704.602.5
0.001
red transparent
without
704.602.2
0.001
yellow transparent
without
704.602.4
0.001
Marking plate for Lens round, flush
Marking plate
Typ-Nr.
e
Marking plate for Lens round, flush
Halo illumination
Plastic white translucent
704.609.9A01
0.001
LED
Plastic colourless transparent ribbed
704.609.7
0.001
LED and Filament lamp
Plastic white translucent
704.609.9
0.001
non-illuminative
Plastic black opaque
704.609.0
0.001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com