Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 46 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 46 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 42Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 43Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 44Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 45Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 46Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 47Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 48Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 49Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 231 page
background image
uPSD33xx
46/231
MCU CLOCK GENERATION
Internal system clocks generated by the clock gen-
eration unit are derived from the signal, XTAL1,
shown in Figure 14. XTAL1 has a frequency fOSC,
which comes directly from the external crystal or
oscillator device. The SFR named CCON0 (Table
21., page 47) controls the clock generation unit.
There are two clock signals produced by the clock
generation unit:
MCU_CLK
PERIPH_CLK
MCU_CLK
This clock drives the 8032 MCU core and the
Watchdog
Timer
(WDT).
The
frequency
of
MCU_CLK is equal to fOSC by default, but it can be
divided by as much as 2048, shown in Figure 14.
The bits CPUPS[2:0] select one of eight different
divisors, ranging from 2 to 2048. The new frequen-
cy is available immediately after the CPUPS[2:0]
bits are written. The final frequency of MCU_CLK
is fMCU.
MCU_CLK is blocked by either bit, PD or IDL, in
the SFR named PCON during MCU Power-down
Mode or Idle Mode respectively.
MCU_CLK clock can be further divided as re-
quired for use in the WDT. See details of the WDT
in SUPERVISORY FUNCTIONS, page 65.
PERIPH_CLK
This clock drives all the uPSD33xx peripherals ex-
cept the WDT. The Frequency of PERIPH_CLK is
always fOSC. Each of the peripherals can indepen-
dently divide PERIPH_CLK to scale it appropriate-
ly for use.
PERIPH_CLK runs at all times except when
blocked by the PD bit in the SFR named PCON
during MCU Power-down Mode.
JTAG Interface Clock. The JTAG interface for
ISP and for Debugging uses the externally sup-
plied JTAG clock, coming in on pin TCK. This
means the JTAG ISP interface is always available,
and the JTAG Debug interface is available when
enabled, even during MCU Idle mode and Power-
down Mode.
However, since the MCU participates in the JTAG
debug process, and MCU_CLK is halted during
Idle and Power-down Modes, the majority of de-
bug functions are not available during these low
power modes. But the JTAG debug interface is ca-
pable of executing a reset command while in these
low power modes, which will exit back to normal
operating mode where all debug commands are
available again.
The CCON0 SFR contains a bit, DBGCE, which
enables the breakpoint comparators inside the
JTAG Debug Unit when set. DBGCE is set by de-
fault after reset, and firmware may clear this bit at
run-time. Disabling these comparators will reduce
current consumption on the MCU Module, and it’s
recommended to do so if the Debug Unit will not
be used (such as in the production version of an
end-product).
Figure 14. Clock Generation Logic
XTAL1 /2
XTAL1 /4
XTAL1 /2048
Q
Q
Q
M
U
X
XTAL1 (default)
XTAL1 /8
XTAL1 /16
Q
Q
XTAL1 /32
XTAL1 /1024
Q
Q
0
1
2
3
4
5
6
7
XTAL1
(fOSC)
PCON[1]: PD,
Power-Down Mode
PCON[2:0]: CPUPS[2:0],
Clock Pre-Scaler Select
PCON[0]: IDL,
Idle Mode
Clock Divider
MCU_CLK (fMCU)
(to: 8032, WDT)
PERIPH_CLK (fOSC)
(to: TIMER0/1/2, UART0/1, PCA0/1, SPI, I2C, ADC)
3
AI09197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com