Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 14 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 10Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 11Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 12Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 13Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 14Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 15Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 16Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 17Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 231 page
background image
uPSD33xx
14/231
Figure 5. uPSD33xx Functional Modules
10-bit
ADC
Dedicated Memory
Interface Prefetch,
Branch Cache
Enhanced MCU Interface
Decode PLD
PSD Page Register
SRAM
CPLD - 16 MACROCELLS
JTAG ISP
Reset Logic
WDT
Internal
Reset
Port 1
Port 3
Dual
UARTs
Interrupt
3 Timer /
Counters
256 Byte SRAM
Turbo 8032 Core
PSD Internal Bus
8032 Internal Bus
PSD
Reset
LVD
I
2C
Unit
Port D
GPIO
Port C
JTAG and
GPIO
Secondary
Flash
Reset Input
uPSD33XX
JTAG
DEBUG
8-Bit Die-to-Die Bus
Main Flash
PCA
PWM
Counters
Reset
Pin
Ext.
Bus
SPI
V
CC Pins
3.3V
V
DD Pins
3.3V or 5V
MCU Module
PSD Module
Port 3 - UART0,
Intr, Timers
Port 1 - Timer, ADC, SPI
Port 4 - PCA,
PWM, UART1
Port 3
I
2C
XTAL
Clock Unit
Port A,B,C PLD
I/O and GPIO
AI07842



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com