Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 99 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 99 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 97Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 98Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 99Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 100Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 101Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 102Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 231 page
background image
99/231
uPSD33xx
Serial I/O Engine (SIOE)
At the heart of the I2C interface is the hardware
SIOE, shown in Figure 40. The SIOE automatically
handles low-level I2C bus protocol (data shifting,
handshaking, arbitration, clock generation and
synchronization) and it is controlled and monitored
by five SFRs.
The five SFRs shown in Figure 40 are:
S1CON - Interface Control (Table
50., page 100)
S1STA - Interface Status (Table
52., page 103)
S1DAT - Data Shift Register (Table
53., page 104)
S1ADR - Device Address (Table
54., page 104)
S1SETUP - Sampling Rate (Table
55., page 105)
Figure 40. I2C Interface SIOE Block Diagram
Open-
Drain
Output
Input
Open-
Drain
Output
Input
Comparator
S1SETUP - Sample Rate
Control (START Condition)
S1STA - Interface Status
S1CON - Interface Control
ACK
Bit
SCL / P3.7
Timing and
Control
Clock
Generation
Arbitration
and Sync
Periph
Clock
(fOSC)
SDA / P3.6
INTR to 8032
S1DAT - Shift Register
Serial DATA IN
Serial DATA OUT
Shift Direction
8
8
8
8
8
7
7
b0
b7
S1ADR - Device Address
b7
b0
AI09626



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com