Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 69 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 69 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 65Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 66Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 67Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 68Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 69Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 70Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 71Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 72Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 231 page
background image
69/231
uPSD33xx
STANDARD 8032 TIMER/COUNTERS
There are three 8032-style 16-bit Timer/Counter
registers (Timer 0, Timer 1, Timer 2) that can be
configured to operate as timers or event counters.
There are two additional 16-bit Timer/Counters in
the Programmable Counter Array (PCA), seePCA
Block, page 123 for details.
Standard Timer SFRs
Timer 0 and Timer 1 have very similar functions,
and they share two SFRs for control:
TCON (Table 39., page 70)
TMOD (Table 40., page 72).
Timer 0 has two SFRs that form the 16-bit counter,
or that can hold reload values, or that can scale
the clock depending on the timer/counter mode:
TH0 is the high byte, address 8Ch
TL0 is the low byte, address 8Ah
Timer 1 has two similar SFRs:
TH1 is the high byte, address 8Dh
TL1 is the low byte, address 8Bh
Timer 2 has one control SFR:
T2CON (Table 41., page 75)
Timer 2 has two SFRs that form the 16-bit counter,
and perform other functions:
TH2 is the high byte, address CDh
TL2 is the low byte, address CCh
Timer 2 has two SFRs for capture and reload:
RCAP2H is the high byte, address CBh
RCAP2L is the low byte, address CAh
Clock Sources
When enabled in the “Timer” function, the Regis-
ters THx and TLx are incremented every 1/12 of
the oscillator frequency (fOSC). This timer clock
source is not effected by MCU clock dividers in the
CCON0, stalls from PFQ/BC, or bus transfer cy-
cles. Timers are always clocked at 1/12 of fOSC.
When enabled in the “Counter” function, the Reg-
isters THx and TLx are incremented in response to
a 1-to-0 transition sampled at their corresponding
external input pin: pin C0 for Timer 0; pin C1 for
Timer 1; or pin T2 for Timer 2. In this function, the
external clock input pin is sampled by the counter
at a rate of 1/12 of fOSC. When a logic '1' is deter-
mined in one sample, and a logic '0' in the next
sample period, the count is incremented at the
very next sample period (period1: sample=1,
period2: sample=0, period3: increment count
while continuing to sample). This means the max-
imum count rate is 1/24 of the fOSC. There are no
restrictions on the duty cycle of the external input
signal, but to ensure that a given level is sampled
at least once before it changes, it should be active
for at least one full sample period (12 / fOSC, sec-
onds). However, if MCU_CLK is divided by the
SFR CCON0, then the sample period must be cal-
culated based on the resultant, longer, MCU_CLK
frequency. In this case, an external clock signal on
pins C0, C1, or T2 should have a duration longer
than one MCU machine cycle, tMACH_CYC. The
section, Watchdog Timer, WDT, page 66 explains
how to estimate tMACH_CYC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com