Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 98 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 98 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 94Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 95Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 96Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 97Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 98Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 99Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 100Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 101Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 231 page
background image
uPSD33xx
98/231
Operating Modes
The I2C interface supports four operating modes:
Master-Transmitter
Master-Receiver
Slave-Transmitter
Slave-Receiver
The interface may operate as either a Master or a
Slave within a given application, controlled by firm-
ware writing to SFRs.
By default after a reset, the I2C interface is in Mas-
ter Receiver mode, and the SDA/P3.6 and SCL/
P3.7 pins default to GPIO input mode, high imped-
ance, so there is no I2C bus interference. Before
using the I2C interface, it must be initialized by
firmware, and the pins must be configured. This is
discussed in I2C Operating Sequences, page 108.
Bus Arbitration
A Master device always samples the I2C bus to
ensure a bus line is high whenever that Master is
asserting a logic 1. If the line is low at that time, the
Master recognizes another device is overriding it’s
own transmission.
A Master may start a transfer only if the I2C bus is
not busy. However, it’s possible that two or more
Masters may generate a START condition simulta-
neously. In this case, arbitration takes place on the
SDA line each time SCL is high. The Master that
first senses that its bus sample does not corre-
spond to what it is driving (SDA line is low while it’s
asserting a high) will immediately change from
Master-Transmitter to Slave-Receiver mode. The
arbitration process can carry on for many bit times
if both Masters are addressing the same Slave de-
vice, and will continue into the data bits if both
Masters are trying to be Master-Transmitter. It is
also possible for arbitration to carry on into the ac-
knowledge bits if both Masters are trying to be
Master-Receiver. Because address and data in-
formation on the bus is determined by the winning
Master, no information is lost during the arbitration
process.
Clock Synchronization
Clock synchronization is used to synchronize arbi-
trating Masters, or used as a handshake by a de-
vices to slow down the data transfer.
Clock Sync During Arbitration. During bus ar-
bitration between competing Masters, Master_X,
with the longest low period on SCL, will force
Master_Y to wait until Master_X finishes its low
period before Master_Y proceeds to assert its high
period on SCL. At this point, both Masters begin
asserting their high period on SCL simultaneously,
and the Master with the shortest high period will be
the first to drive SCL for the next low period. In this
scheme, the Master with the longest low SCL pe-
riod paces low times, and the Master with the
shortest high SCL period paces the high times,
making synchronized arbitration possible.
Clock Sync During Handshaking. This
allows
receivers in different devices to handle various
transfer rates, either at the byte-level, or bit-level.
At the byte-level, a device may pause the transfer
between bytes by holding SCL low to have time to
store the latest received byte or fetch the next byte
to transmit.
At the bit-level, a Slave device may extend the low
period of SCL by holding it low. Thus the speed of
any Master device will adapt to the internal opera-
tion of the Slave.
General Call Address
A General Call (GC) occurs when a Master-Trans-
mitter initiates a transfer containing a Slave ad-
dress of 0000000b, and the R/W bit is logic 0. All
Slave devices capable of responding to this broad-
cast message will acknowledge the GC simulta-
neously and then behave as a Slave-Receiver.
The next byte transmitted by the Master will be ac-
cepted and acknowledged by all Slaves capable of
handling the special data bytes. A Slave that can-
not handle one of these data bytes must ignore it
by not acknowledging it. The I2C specification lists
the possible meanings of the special bytes that fol-
low the first GC address byte, and the actions to
be taken by the Slave device(s) upon receiving
them. A common use of the GC by a Master is to
dynamically assign device addresses to Slave de-
vices on the bus capable of a programmable de-
vice address.
The uPSD33xx can generate a GC as a Master-
Transmitter, and it can receive a GC as a Slave.
When receiving a GC address (00h), an interrupt
will be generated so firmware may respond to the
special GC data bytes if desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com