Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 20Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 21Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 22Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 23Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 24Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 25Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 26Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 27Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 231 page
background image
uPSD33xx
24/231
Table 5. SFR Memory Map with Direct Address and Reset Value
SFR
Addr
(hex)
SFR
Name
Bit Name and <Bit Address>
Reset
Value
(hex)
Reg.
Descr.
with Link
76
5
4
3
2
1
0
80
RESERVED
81
SP
SP[7:0]
07
Stack
Pointer
(SP), page
21
82
DPL
DPL[7:0]
00
Data
Pointer
(DPTR), p
age 21
83
DPH
DPH[7:0]
00
84
RESERVED
85
DPTC
AT
DPSEL[2:0]
00
Table
13., page
37
86
DPTM
MD1[1:0]
MD0[1:0]
00
Table
14., page
38
87
PCON
SMOD0
SMOD1
POR
RCLK1
TCLK1
PD
IDLE
00
Table
24., page
50
88(1)
TCON
TF1
<8Fh>
TR1
<8Eh>
TF0
<8Dh>
TR0
<8Ch>
IE1
<8Bh>
IT1
<8Ah>
IE0
<89h>
IT0
<88h>
00
Table
39., page
70
89
TMOD
GATE
C/T
M1
M0
GATE
C/T
M1
M0
00
Table
40., page
72
8A
TL0
TL0[7:0]
00
Standard
Timer
SFRs, pag
e69
8B
TL1
TL1[7:0]
00
8C
TH0
TH0[7:0]
00
8D
TH1
TH1[7:0]
00
8E
P1SFS0
P1SFS0[7:0]
00
Table
29., page
60
8F
P1SFS1
P1SFS1[7:0]
00
Table
30., page
60
90(1)
P1
P1.7
<97h>
P1.6
<96h>
P1.5
<95h>
P1.4
<94h>
P1.3
<93h>
P1.2
<92h>
P1.1
<91h>
P1.0
<90h>
FF
Table
25., page
57
91
P3SFS
P3SFS[7:0]
00
Table
28., page
60
92
P4SFS0
P4SFS0[7:0]
00
Table
32., page
61
93
P4SFS1
P4SFS1[7:0]
00
Table
33., page
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com