Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UPSD3313D-40U6T Datasheet(PDF) 36 Page - STMicroelectronics

No. de pieza UPSD3313D-40U6T
Descripción Electrónicos  Fast 8032 MCU with Programmable Logic
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3313D-40U6T Datasheet(HTML) 36 Page - STMicroelectronics

Back Button UPSD3313D-40U6T Datasheet HTML 32Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 33Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 34Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 35Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 36Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 37Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 38Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 39Page - STMicroelectronics UPSD3313D-40U6T Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 231 page
background image
uPSD33xx
36/231
Table 10. Program Branching Instruction Set
Note: 1. All mnemonics copyrighted ©Intel Corporation 1980.
Table 11. Miscellaneous Instruction Set
Note: 1. All mnemonics copyrighted ©Intel Corporation 1980.
Table 12. Notes on Instruction Set and Addressing Modes
Mnemonic(1)
and Use
Description
Length/Cycles
ACALL
addr11
Absolute subroutine call
2 byte/2 cycle
LCALL
addr16
Long subroutine call
3 byte/2 cycle
RET
Return from subroutine
1 byte/2 cycle
RETI
Return from interrupt
1 byte/2 cycle
AJMP
addr11
Absolute jump
2 byte/2 cycle
LJMP
addr16
Long jump
3 byte/2 cycle
SJMP
rel
Short jump (relative addr)
2 byte/2 cycle
JMP
@A+DPTR
Jump indirect relative to the DPTR
1 byte/2 cycle
JZ
rel
Jump if ACC is zero
2 byte/2 cycle
JNZ
rel
Jump if ACC is not zero
2 byte/2 cycle
CJNE
A, direct, rel
Compare direct byte to ACC, jump if not equal
3 byte/2 cycle
CJNE
A, #data, rel
Compare immediate to ACC, jump if not equal
3 byte/2 cycle
CJNE
Rn, #data, rel
Compare immediate to register, jump if not equal
3 byte/2 cycle
CJNE
@Ri, #data, rel
Compare immediate to indirect, jump if not equal
3 byte/2 cycle
DJNZ
Rn, rel
Decrement register and jump if not zero
2 byte/2 cycle
DJNZ
direct, rel
Decrement direct byte and jump if not zero
3 byte/2 cycle
Mnemonic(1)
and Use
Description
Length/Cycles
NOP
No Operation
1 byte/1 cycle
Rn
Register R0 - R7 of the currently selected register bank.
direct
8-bit address for internal 8032 DATA SRAM (locations 00h - 7Fh) or SFR registers (locations 80h - FFh).
@Ri
8-bit internal 8032 SRAM (locations 00h - FFh) addressed indirectly through contents of R0 or R1.
#data
8-bit constant included within the instruction.
#data16
16-bit constant included within the instruction.
addr16
16-bit destination address used by LCALL and LJMP.
addr11
11-bit destination address used by ACALL and AJMP.
rel
Signed (two-s compliment) 8-bit offset byte.
bit
Direct addressed bit in internal 8032 DATA SRAM (locations 20h to 2Fh) or in SFR registers (88h, 90h,
98h, A8h, B0, B8h, C0h, C8h, D0h, D8h, E0h, F0h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com